| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE2401 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE2401 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 55 page ![]() STMPE2401 Pin settings 7/55 B3 KP_X7 IO GPIO A5 KP_Y5 IO GPIO A6 KP_Y4 IO GPIO B5 KP_Y3 IO GPIO B6 KP_Y2 IO GPIO C5 KP_Y1 IO GPIO C6 KP_Y0 IO GPIO D3 GND - D6 ADDR0 IO GPIO and I2C ADDR 0 (in reset) D5 KP_Y9 A/IO GPIO E6 KP_Y10 A/IO GPIO F6 KP_Y11 A/IO GPIO E5 PWM3 A/IO GPIO and I2C ADDR 1 (in reset) F5 PWM2 A/IO GPIO E4 PWM1 A/IO GPIO F4 VCC2 - 1.8V Input D4 GND - F3 INT O Open drain interrupt output pin E3 KP_Y8 IO GPIO F2 KP_Y7 IO GPIO F1 KP_Y6 IO GPIO E2 SDATA A I2C DATA E1 SCLK A I2C Clock D2 XTALIN A XTAL Oscillator or External 32KHz input D1 XTALOUT A XTAL Oscillator Table 1. Pin assignment Ball Name Type Name and function |