Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE2401 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 21Page - STMicroelectronics STMPE2401 Datasheet HTML 22Page - STMicroelectronics STMPE2401 Datasheet HTML 23Page - STMicroelectronics STMPE2401 Datasheet HTML 24Page - STMicroelectronics STMPE2401 Datasheet HTML 25Page - STMicroelectronics STMPE2401 Datasheet HTML 26Page - STMicroelectronics STMPE2401 Datasheet HTML 27Page - STMicroelectronics STMPE2401 Datasheet HTML 28Page - STMicroelectronics STMPE2401 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
STMPE2401
Interrupt system
25/55
9.5
Interrupt enable GPIO mask register (IEGPIOR)
IEGPIOR register is used to enable the interruption from a particular GPIO interrupt source
to the host. The IEG[15:0] bits are the interrupt enable mask bits correspond to the
GPIO[15:0] pins.
IEGPIOR_msb
Bit
232221
2019181716
IEG
23
IEG
22
IEG
21
IEG
20
IEG
19
IEG
18
IEG
17
IEG
16
R/W
RW RW RWRWRW RWRWRW
Reset
Value
0
000
00
00
IEGPIOR _lsb
Bit
15
14
13
12
11
10
987
654
32
10
IEG
15
IEG
14
IEG
13
IEG
12
IEG
11
IEG
10
IEG
9
IEG
8
IEG
7
IEG
6
IEG
5
IEG
4
IEG
3
IEG
2
IEG
1
IEG
0
R/W
RW
RW
RW
RW
RW
RW
RWRW RW RW RWRWRW RWRWRW
Reset
Value
0
0
0
0
0
0
000
000
00
00
Table 24. GPIO
Bits
Name
Description
23:0
IEG[x]
Interrupt Enable GPIO Mask (where x = 23 to 0)
Writing a ‘1’ to the IE[x] bit will enable the interruption to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55