Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-SILKT01 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STEVAL-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SILKT01 Fiches technique(HTML) 3 Page - STMicroelectronics

  STEVAL-SILKT01 Datasheet HTML 1Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 2Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 3Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 4Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 5Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 6Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 7Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 8Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Schematic diagrams
Figure 1. STEVAL-SILKTA01 circuit schematic (1 of 21)
Fail safe module digital I/O domain
Fail safe module MCU domain
Fail safe module digital I/O domain
Fail safe module MCU domain
Module 1
3v3_Module0
GND_Module0
OVT_DIAG_LS_Module0
DI_CH2_Module0
OL_DIAG_LS_Module0
DI_CH1_Module0
OVL_DIAG_HS_Module0
LS_OUT_FB_Module0
OVT_DIAG_HS_Module0
HS_OUT_FB_Module0
3v3_MCU_Module0
GND_MCU_Module0
SPI_MISO_Module0
RM_OUT_HS_Module0
SPI_MOSI_Module0
RM_OUT_LS_Module0
SPI_CLK_Module0
BOARD_ID1_Module0
SPI_CS_Module0
BOARD_ID0_Module0
BOARD_PRESENCE_Module0
3v3_Module1
GND_Module1
OVT_DIAG_LS_Module1
DI_CH2_Module1
OL_DIAG_LS_Module1
DI_CH1_Module1
OVL_DIAG_HS_Module1
LS_OUT_FB_Module1
OVT_DIAG_HS_Module1
HS_OUT_FB_Module1
3v3_MCU_Module1
GND_MCU_Module1
SPI_MISO_Module1
RM_DRV_HS_Module1
SPI_MOSI_Module1
RM_DRV_LS_Module1
SPI_CLK_Module1
BOARD_ID1_Module1
SPI_CS_Module1
BOARD_ID0_Module1
BOARD_PRESENCE_Module1
HS_Supply_Module0
HS_SupplyON_Module1
J2
con14-2x7-strip-female
1
2
3
4
5
6
7
8
9
10
11
12
13
14
J4
con14-2x7-strip-female
1
2
3
4
5
6
7
8
9
10
11
12
13
14
J3
con12-2x6-strip-female
1
2
3
4
5
6
7
8
9
10
11
12
J5
con12-2x6-strip-female
1
2
3
4
5
6
7
8
9
10
11
12
Module 0
Figure 2. STEVAL-SILKTA01 circuit schematic (2 of 21)
VDD_IN
VDD_ISO
OUT1
IN1_ISO
IN1
OUT1_ISO
GND
GND_ISO
U46
STISO621WTR
VDD1
1
RX1
2
GND1
4
TX1
3
GND2
5
RX2
6
TX2
7
VDD2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31