| Moteur de recherche de fiches techniques de composants électroniques |
|
STEVAL-SILKT01 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-SILKT01 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 31 page ![]() 3 Kit versions Table 1. STEVAL-SILKT01 versions PCB version Schematic diagrams Bill of materials STEVAL$SILKT01B (1) STEVAL$SILKT01B schematic diagrams STEVAL$SILKT01B bill of materials 1. This code identifies the STEVAL-SILKT01 evaluation kit second version. The kit consists of the STEVAL-SILKTA01 main board whose version is identified by the code STEVAL$SILKTA01A and two STEVAL-SILKTB01 actuation boards whose version is identified by the code STEVAL$SILKTB01B. STEVAL-SILKT01 Kit versions DB5133 - Rev 3 page 29/31 |