Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-SILKT01 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STEVAL-SILKT01
Description  Evaluation kit for industrial PLC solutions targeting SIL3 applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SILKT01 Fiches technique(HTML) 2 Page - STMicroelectronics

  STEVAL-SILKT01 Datasheet HTML 1Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 2Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 3Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 4Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 5Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 6Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 7Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 8Page - STMicroelectronics STEVAL-SILKT01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
Industrial safety features
On both boards (STEVAL-SILKTA01 and STEVAL-SILKTB01) have been implemented architectural circuitries,
able to:
Cover diagnostic functions to achieve a coverage DC > 90%
Implement redundancy on digital input using single channel digital input CLT03-1SC3
Implement redundancy on digital output using high-side and low-side architecture (IPS1025H and
IPS4260L respectively)
Implement redundancy on the execution of safety functions
Implement redundancy on digital output driving signals using dedicated logic gates
Implement different power management circuitry to differentiate the power management unit for safety and
non-safety related blocks
The STEVAL-SILKTA01 (main board) as well as the STEVAL-SILKTB01 (actuation board), embeds an isolation
barrier based on STISO621, managing:
Serial communication between STM32H743ZG and STM32G431RB
Digital input detection
Digital output driving
Diagnostic signalization for overload and overtemperature.
STEVAL-SILKT01
Industrial safety features
DB5133 - Rev 3
page 2/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31