| Moteur de recherche de fiches techniques de composants électroniques |
|
STEVAL-SILKT01 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVAL-SILKT01 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 31 page ![]() Figure 22. STEVAL-SILKTB01 circuit schematic (1 of 12) IS O_S upply GND_P WR2 DI_CH1 DI_CH2 OVT_DIAG_LS OVT_DIAG_HS OVL_DIAG_HS HS _OUT_FB LS _OUT_FB OL_DIAG_LS IS O_GND IS O_S upply IS O_GND MCU_CHECK_IN1 MCU_CHECK_IN2 RM_DRV_HS RM_DRV_LS MCU_S upply MCU_S upply MCU_GND HS _FB LS _FB MCU_GND GND_P WR2 IS O_S upply RMHS _S upply_ON MCU_S upply MCU_GND LS _FB HS _FB S P I_MIS O S P I_MOS I S P I_CLK S P I_CS S UP ERVIS OR_IRQ 3v5_OV/UV Vbus _Monitor RES ET BOARD_ID1 BOARD_ID0 MCU_S upply P WM_WD BOARD_P RES ENCE IS O_GND MCU_GND L7983_RS TMCU IS O_GND Vbus 2 Digita l Input Digita l_Intput CHECK_IN1 CHECK_IN2 CHECK_IN1F CHECK_IN2F CLT_IN2 CLT_IN1 CLT_GND Te mpe ra ure S e ns or Te mpe ra ture _S e ns or S upply EVENT_P IN I2C_S CLK I2C_S DA TEMP _GND Logic Logic Ga te MCU_DI1FB MCU_DI2FB MCU_DRV_HS MCU_DRV_LS RMT_DRV_LS RMT_DRV_HS HS _S upply_Ga te RMHS _S UP P LY_ON IP S _LS IP S _HS MCUHS _S UP P LY_ON J 3 OUT 1 2 Digita l Output Digita l_Output 3V3 LS _OUT_monitor HS _OUT_monitor OVL_DIAG_H OL_DIAG_L OVT_DIAG_L IN_HS IN_LS OVT_DIAG_H LS _OUT HS _OUT HS _S upply IP S _Vcc IP S _GND GND_IS O Microcontrolle r Da ta P roce s s ing MCU_S upply VOLTAGE_FAIL MCU_GND 3.5V_MCU_Monitor Vbus _Monitor S P I2_MOS I S P I2_CLK S P I2_NS S HS _S UP P LY_ON DRV_LS OL_LS OVL_HS DI1_FB DRV_HS OVT_HS OVT_LS DI2_FB RS T HS _FB LS _FB P WM_WD BOARD_ID1 BOARD_ID0 S P I2_MIS O BOARD_P RES ENCE L7983_RS TMCU Ins ula tion Ins ula tion VDD_IN VDD_IS O OUT1 IN1_IS O IN1 OUT1_IS O GND GND_IS O OUT2 IN2_IS O IN2 OUT2_IS O OUT3 IN3_IS O IN3 OUT3_IS O OUT4 IN4_IS O IN4 OUT4_IS O OUT5 IN5_IS O IN5 OUT5_IS O J 1 IN1 1 2 J 2 IN2 1 2 Ins ula tion Ins ula tion VDD_IN VDD_IS O OUT1 IN1_IS O IN1 OUT1_IS O GND GND_IS O OUT2 IN2_IS O IN2 OUT2_IS O OUT3 IN3_IS O IN3 OUT3_IS O OUT4 IN4_IS O IN4 OUT4_IS O OUT5 IN5_IS O IN5 OUT5_IS O |