Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280 Fiches technique(PDF) 65 Page - Freescale Semiconductor, Inc

No de pièce MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Fiches technique(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
lxv
Figures
Figure
Number
Title
Page
Number
35-2
TC Layer Block Diagram...................................................................................................... 35-3
35-3
TC Cell Delineation State Machine ...................................................................................... 35-4
35-4
HEC: Receiver Modes of Operation ..................................................................................... 35-5
35-5
TC Layer Mode Registers (TCMODEx)............................................................................... 35-7
35-6
Cell Delineation State Machine Registers (CDSMRx) ......................................................... 35-8
35-7
TC Layer Event Registers (TCERx) ..................................................................................... 35-9
35-8
TC Layer General Event Register (TCGER) ...................................................................... 35-10
35-9
TC Layer General Status Register (TCGSR) ...................................................................... 35-11
35-10
TC Operation in FCC External Rate Mode......................................................................... 35-14
35-11
TC Operation in FCC Internal Rate Mode (Sub Rate Mode) ............................................. 35-14
35-12
Example of Serial ATM Application .................................................................................. 35-15
36-1
Ethernet Frame Structure ...................................................................................................... 36-1
36-2
Ethernet Block Diagram ....................................................................................................... 36-2
36-3
Connecting the MPC8280 to Ethernet .................................................................................. 36-4
36-4
Connecting the MPC8280 to Ethernet (RMII)...................................................................... 36-5
36-5
Ethernet Address Recognition Flowchart ........................................................................... 36-16
36-6
FCC Ethernet Mode Registers (FPSMRx) .......................................................................... 36-20
36-7
Ethernet Event Register (FCCE)/Mask Register (FCCM).................................................. 36-22
36-8
Ethernet Interrupt Events Example ..................................................................................... 36-23
36-9
Fast Ethernet Receive Buffer (RxBD) ................................................................................ 36-24
36-10
Ethernet Receiving Using RxBDs....................................................................................... 36-26
36-11
Fast Ethernet Transmit Buffer (TxBD) ............................................................................... 36-27
37-1
HDLC Framing Structure...................................................................................................... 37-2
37-2
HDLC Address Recognition Example .................................................................................. 37-5
37-3
HDLC Mode Register (FPSMR)........................................................................................... 37-8
37-4
FCC HDLC Receiving Using RxBDs................................................................................. 37-10
37-5
FCC HDLC Receive Buffer Descriptor (RxBD) ................................................................ 37-11
37-6
FCC HDLC Transmit Buffer Descriptor (TxBD) ............................................................... 37-12
37-7
HDLC Event Register (FCCE)/Mask Register (FCCM) .................................................... 37-14
37-8
HDLC Interrupt Event Example ......................................................................................... 37-16
37-9
FCC Status Register (FCCS)............................................................................................... 37-16
38-1
In-Line Synchronization Pattern ........................................................................................... 38-2
38-2
Sending Transparent Frames between MPC8280s ............................................................... 38-4
39-1
SPI Block Diagram ............................................................................................................... 39-1
39-2
Single-Master/Multi-Slave Configuration ............................................................................ 39-3
39-3
Multi-Master Configuration .................................................................................................. 39-5
39-4
SPMODE—SPI Mode Register ............................................................................................ 39-6
39-5
SPI Transfer Format with SPMODE[CP] = 0....................................................................... 39-7
39-6
SPI Transfer Format with SPMODE[CP] = 1....................................................................... 39-8
39-7
SPIE/SPIM—SPI Event/Mask Registers .............................................................................. 39-9
39-8
SPCOM—SPI Command Register ..................................................................................... 39-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More