Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280 Fiches technique(PDF) 59 Page - Freescale Semiconductor, Inc

No de pièce MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Fiches technique(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
lix
Figures
Figure
Number
Title
Page
Number
25-1
Ethernet Frame Structure ...................................................................................................... 25-1
25-2
Ethernet Block Diagram........................................................................................................ 25-2
25-3
Connecting the MPC8280 to Ethernet .................................................................................. 25-4
25-4
Ethernet Address Recognition Flowchart ........................................................................... 25-11
25-5
Ethernet Mode Register (PSMR) ........................................................................................ 25-14
25-6
SCC Ethernet RxBD ........................................................................................................... 25-16
25-7
Ethernet Receiving using RxBDs ....................................................................................... 25-18
25-8
SCC Ethernet TxBD............................................................................................................ 25-19
25-9
SCC Ethernet Event Register (SCCE)/Mask Register (SCCM) ......................................... 25-20
25-10
Ethernet Interrupt Events Example ..................................................................................... 25-21
26-1
LocalTalk Frame Format....................................................................................................... 26-1
26-2
Connecting the MPC8280 to LocalTalk................................................................................ 26-3
27-1
USB Interface........................................................................................................................ 27-3
27-2
USB Function Block Diagram ............................................................................................. 27-5
27-3
USB Controller Operating Modes......................................................................................... 27-6
27-4
USB Controller Block Diagram ........................................................................................... 27-8
27-5
USB Controller Operating Modes......................................................................................... 27-9
27-6
Endpoint Pointer Registers (EPxPTR) ................................................................................ 27-13
27-7
Frame Number (FRAME_N) in Function Mode—Updated by USB Controller................ 27-15
27-8
Frame Number (FRAME_N) in Host Mode—Updated by Application Software ............. 27-15
27-9
USB Function Code Registers (RFCR and TFCR)............................................................. 27-16
27-10
USB Mode Register (USMOD) .......................................................................................... 27-17
27-11
USB Slave Address Register (USADR) ............................................................................. 27-18
27-12
USB Endpoint Registers (USEP1–USEP4) ........................................................................ 27-18
27-13
USB Command Register (USCOM) ................................................................................... 27-20
27-14
USB Event Register (USBER)............................................................................................ 27-20
27-15
USB Status Register (USBS) .............................................................................................. 27-21
27-16
USB Start of Frame Timer (USSFT)................................................................................... 27-22
27-17
USB Memory Structure....................................................................................................... 27-23
27-18
USB Receive Buffer Descriptor (Rx BD),.......................................................................... 27-24
27-19
USB Transmit Buffer Descriptor (Tx BD),......................................................................... 27-26
27-20
USB Transmit Buffer Descriptor (Tx BD),......................................................................... 27-28
27-21
USB Transaction Buffer Descriptor (TrBD), ...................................................................... 27-30
28-1
SMC Block Diagram............................................................................................................. 28-1
28-2
SMC Mode Registers (SMCMR1/SMCMR2)...................................................................... 28-3
28-3
SMC Memory Structure........................................................................................................ 28-5
28-4
SMC Function Code Registers (RFCR/TFCR)..................................................................... 28-8
28-5
SMC UART Frame Format................................................................................................. 28-10
28-6
SMC UART RxBD ............................................................................................................. 28-14
28-7
RxBD Example ................................................................................................................... 28-16
28-8
SMC UART TxBD.............................................................................................................. 28-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More