Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280 Fiches technique(PDF) 60 Page - Freescale Semiconductor, Inc

No de pièce MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Fiches technique(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
lx
Freescale Semiconductor
Figures
Figure
Number
Title
Page
Number
28-9
SMC UART Event Register (SMCE)/Mask Register (SMCM) ......................................... 28-18
28-10
SMC UART Interrupts Example......................................................................................... 28-19
28-11
Synchronization with SMSYNx.......................................................................................... 28-23
28-12
Synchronization with the TSA ............................................................................................ 28-24
28-13
SMC Transparent RxBD ..................................................................................................... 28-26
28-14
SMC Transparent Event Register (SMCE)/Mask Register (SMCM) ................................. 28-28
28-15
SMC Monitor Channel RxBD............................................................................................. 28-32
28-16
SMC Monitor Channel TxBD............................................................................................. 28-33
28-17
SMC C/I Channel RxBD..................................................................................................... 28-33
28-18
SMC C/I Channel TxBD..................................................................................................... 28-34
28-19
SMC GCI Event Register (SMCE)/Mask Register (SMCM) ............................................. 28-35
29-1
BD Structure for One MCC .................................................................................................. 29-3
29-2
TSTATE High Byte ............................................................................................................... 29-7
29-3
INTMSK Mask Bits .............................................................................................................. 29-8
29-4
Channel Mode Register (CHAMR) ...................................................................................... 29-8
29-5
Rx Internal State (RSTATE) High Byte .............................................................................. 29-10
29-6
Channel Mode Register (CHAMR)—Transparent Mode ................................................... 29-12
29-7
INTMSK Mask Bits ............................................................................................................ 29-15
29-8
Channel Mode Register (CHAMR)—CES Mode............................................................... 29-15
29-9
Extended Channel Mode Register (ECHAMR).................................................................. 29-21
29-10
SS7 Configuration Register (SS7_OPT) ............................................................................. 29-23
29-11
Mask1 Format ..................................................................................................................... 29-25
29-12
Mask2 Format ..................................................................................................................... 29-25
29-13
Super Channel Table Entry ................................................................................................. 29-28
29-14
Transmitter Super Channel Example .................................................................................. 29-30
29-15
Receiver Super Channel with Slot Synchronization Example............................................ 29-31
29-16
Receiver Super Channel without Slot Synchronization Example....................................... 29-32
29-17
SI MCC Configuration Register (MCCF)........................................................................... 29-32
29-18
Interrupt Circular Table....................................................................................................... 29-35
29-19
MCC Event Register (MCCE)/Mask Register (MCCM).................................................... 29-36
29-20
Interrupt Circular Table Entry ............................................................................................. 29-37
29-21
MCC Receive Buffer Descriptor (RxBD)........................................................................... 29-42
29-22
MCC Transmit Buffer Descriptor (TxBD).......................................................................... 29-44
30-1
FCC Block Diagram.............................................................................................................. 30-3
30-2
General FCC Mode Register (GFMR).................................................................................. 30-4
30-3
General FCC Expansion Mode Register (GFEMR) ............................................................. 30-8
30-4
FCC Data Synchronization Register (FDSR) ....................................................................... 30-9
30-5
FCC Transmit-on-Demand Register (FTODR)..................................................................... 30-9
30-6
FCC Memory Structure....................................................................................................... 30-10
30-7
Buffer Descriptor Format.................................................................................................... 30-11
30-8
Function Code Register (FCRx) ......................................................................................... 30-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More