Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280 Fiches technique(PDF) 30 Page - Freescale Semiconductor, Inc

No de pièce MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Fiches technique(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
xxx
Freescale Semiconductor
Contents
Paragraph
Number
Title
Page
Number
27.5.7.6
USB Mask Register (USBMR)............................................................................ 27-21
27.5.7.7
USB Status Register (USBS)............................................................................... 27-21
27.5.7.8
USB Start of Frame Timer (USSFT) ................................................................... 27-22
27.6
USB Buffer Descriptor Ring........................................................................................ 27-22
27.6.1
USB Receive Buffer Descriptor (Rx BD) for Host and Function ........................... 27-24
27.6.2
USB Transmit Buffer Descriptor (Tx BD) for Function.......................................... 27-26
27.6.3
USB Transmit Buffer Descriptor (Tx BD) for Host ................................................ 27-27
27.6.4
USB Transaction Buffer Descriptor (TrBD) for Host.............................................. 27-29
27.7
USB CP Commands..................................................................................................... 27-32
27.7.1
STOP Tx Command................................................................................................. 27-32
27.7.2
RESTART Tx Command ......................................................................................... 27-33
27.8
USB Controller Errors ................................................................................................. 27-33
27.9
USB Function Controller Initialization Example ........................................................ 27-34
27.10
Programming the USB Host Controller (Packet-Level) .............................................. 27-35
27.10.1
USB Host Controller Initialization Example ........................................................... 27-35
27.11
Programming the USB Host Controller (Transaction-Level) ...................................... 27-37
27.11.1
USB Host Controller Initialization Example ........................................................... 27-37
Chapter 28
Serial Management Controllers (SMCs)
28.1
Features .......................................................................................................................... 28-2
28.2
Common SMC Settings and Configurations ................................................................. 28-2
28.2.1
SMC Mode Registers (SMCMR1/SMCMR2)........................................................... 28-2
28.2.2
SMC Buffer Descriptor Operation............................................................................. 28-4
28.2.3
SMC Parameter RAM................................................................................................ 28-5
28.2.3.1
SMC Function Code Registers (RFCR/TFCR) ..................................................... 28-8
28.2.4
Disabling SMCs On-the-Fly ...................................................................................... 28-8
28.2.4.1
SMC Transmitter Full Sequence............................................................................ 28-9
28.2.4.2
SMC Transmitter Shortcut Sequence .................................................................... 28-9
28.2.4.3
SMC Receiver Full Sequence ................................................................................ 28-9
28.2.4.4
SMC Receiver Shortcut Sequence......................................................................... 28-9
28.2.4.5
Switching Protocols ............................................................................................... 28-9
28.2.5
Saving Power ........................................................................................................... 28-10
28.2.6
Handling Interrupts in the SMC............................................................................... 28-10
28.3
SMC in UART Mode ................................................................................................... 28-10
28.3.1
Features .................................................................................................................... 28-11
28.3.2
SMC UART Channel Transmission Process ........................................................... 28-11
28.3.3
SMC UART Channel Reception Process................................................................. 28-11
28.3.4
Programming the SMC UART Controller ............................................................... 28-11
28.3.5
SMC UART Transmit and Receive Commands ...................................................... 28-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More