Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5216PI Fiches technique(PDF) 30 Page - Winbond

No de pièce ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Fiches technique(HTML) 30 Page - Winbond

Back Button ISD5216PI Datasheet HTML 26Page - Winbond ISD5216PI Datasheet HTML 27Page - Winbond ISD5216PI Datasheet HTML 28Page - Winbond ISD5216PI Datasheet HTML 29Page - Winbond ISD5216PI Datasheet HTML 30Page - Winbond ISD5216PI Datasheet HTML 31Page - Winbond ISD5216PI Datasheet HTML 32Page - Winbond ISD5216PI Datasheet HTML 33Page - Winbond ISD5216PI Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
ISD5216
- 30 -
CFG2
Bit no.
Signal
Description
D0 (LSB)
ADPD
Power down the Analog to Digital converter
D1
DAPD
Power down the Digital to Analog converter
D2
LAW0
Select digital
μ-Law or A-Law input/output format
D3
LAW1
Select digital
μ-Law or A-Law input/output format
D4
I2S0
Select the I2S interface
D5
HSR0
Enable the high sample rate mode
D6
HPF0
Enable High Pass Filter
D7
MUTE
Mute the CODEC A/D and D/A path
D8
CKDV
Divide MCLK by 2560 or 1728 for 8 kHz ChipCorder sample rate
D9
COG0
Output gain setting for the Digital to Analog converter
D10
COG1
Output gain setting for the Digital to Analog converter
D11
COG2
Output gain setting for the Digital to Analog converter
D12
CKD2
Divide MCLK frequency by 2 or 1
D13
-
Reserved
D14
-
Reserved
D15 (MSB)
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75