Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5216PI Fiches technique(PDF) 29 Page - Winbond

No de pièce ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Fiches technique(HTML) 29 Page - Winbond

Back Button ISD5216PI Datasheet HTML 25Page - Winbond ISD5216PI Datasheet HTML 26Page - Winbond ISD5216PI Datasheet HTML 27Page - Winbond ISD5216PI Datasheet HTML 28Page - Winbond ISD5216PI Datasheet HTML 29Page - Winbond ISD5216PI Datasheet HTML 30Page - Winbond ISD5216PI Datasheet HTML 31Page - Winbond ISD5216PI Datasheet HTML 32Page - Winbond ISD5216PI Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 29 -
Revision B.4
CFG1
Bit no.
Signal
Description
D0 (LSB)
AGPD
Power down the Microphone AGC
D1
FLPD
Power down the Filter
D2
FLD0
Set the duration and sample rate of the ChipCorder
D3
FLD1
Set the duration and sample rate of the ChipCorder
D4
FLS0
Select the filter input signal
D5
S2M0
Select Sum Amplifier 2 input
D6
S2M1
Select Sum Amplifier 2 input
D7
S1M0
Select Sum Amplifier 1 input
D8
S1M1
Select Sum Amplifier 1 input
D9
S1S0
Select Sum Amplifier 1 multiplexer
D10
S1S1
Select Sum Amplifier 1 multiplexer
D11
VOL0
Volume Control Setting
D12
VOL1
Volume Control Setting
D13
VOL2
Volume Control Setting
D14
VLS0
Select Volume Control input
D15 (MSB)
VLS1
Select Volume Control input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75