Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5216PI Fiches technique(PDF) 28 Page - Winbond

No de pièce ISD5216PI
Description  8 to 16 minutes voice record/playback device with integrated codec
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216PI Fiches technique(HTML) 28 Page - Winbond

Back Button ISD5216PI Datasheet HTML 24Page - Winbond ISD5216PI Datasheet HTML 25Page - Winbond ISD5216PI Datasheet HTML 26Page - Winbond ISD5216PI Datasheet HTML 27Page - Winbond ISD5216PI Datasheet HTML 28Page - Winbond ISD5216PI Datasheet HTML 29Page - Winbond ISD5216PI Datasheet HTML 30Page - Winbond ISD5216PI Datasheet HTML 31Page - Winbond ISD5216PI Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
ISD5216
- 28 -
CFG0
Bit no.
Signal
Description
D0 (LSB)
VLPD
Power down the Volume Control.
D1
OPA0
Power down Speaker driver and/or Auxiliary output.
D2
OPA1
Power down Speaker driver and/or Auxiliary output.
D3
OPS0
Select speaker output multiplexer.
D4
OPS1
Select speaker output multiplexer.
D5
CDI0
Analog to digital converter input selector.
D6
CDI1
Analog to digital converter input selector.
D7
AMT0
Compress the filter signal.
D8
OSPD
Power down the internal ChipCorder oscillator.
D9
INS0
Select Microphone input or Auxiliary input.
D10
AXPD
Power down Auxiliary input amplifier.
D11
AXG0
Auxiliary input amplifier gain setting.
D12
AXG1
Auxiliary input amplifier gain setting.
D13
CIG0
Input gain setting for the Analog to digital converter.
D14
CIG1
Input gain setting for the Analog to digital converter.
D15 (MSB)
CIG2
Input gain setting for the Analog to digital converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75