| Moteur de recherche de fiches techniques de composants électroniques |
|
ISD5216PI Fiches technique(PDF) 19 Page - Winbond |
|
|
|||||||||||||||||||||||||||||
ISD5216PI Fiches technique(HTML) 19 Page - Winbond |
|
19 / 75 page ![]() ISD5216 Publication Release Date: Jan. 31, 2006 - 19 - Revision B.4 7.3.7. I 2C Slave Address The ISD5216 has a 7 bit slave address of <100 00xy> where x and y are equal to the state, respectively, of the external address pins A1 and A0. Because all data bytes are required to be 8 bits, the LSB of the address byte is the Read/Write selection bit that tells the slave whether to transmit or receive data. Therefore, there are eight possible slave addresses for the ISD5216. To use more than four ISD5216 devices in an application requires some external switching of the I 2C link. A1 A0 Slave Address R/W\ Bit HEX Value 0 0 <100 00 00> 0 80 0 1 <100 00 01> 0 82 1 0 <100 00 10> 0 84 1 1 <100 00 11> 0 86 0 0 <100 00 00> 1 81 0 1 <100 00 01> 1 83 1 0 <100 00 10> 1 85 1 1 <100 00 11> 1 87 |