| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4VM21 Fiches technique(PDF) 96 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Fiches technique(HTML) 96 Page - Texas Instruments |
|
96 / 331 page ![]() Table 5-58. UART0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_UART0_RTSn UART Request to Send (active low) O D25, E22, J27 MCU_UART0_RXD UART Receive Data I G22, H27, H28 MCU_UART0_TXD UART Transmit Data O D23, G29, H26 5.3.8.3 WKUP Domain Table 5-59. UART0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_UART0_CTSn UART Clear to Send (active low) I F29 WKUP_UART0_RTSn UART Request to Send (active low) O G28 WKUP_UART0_RXD UART Receive Data I J29 WKUP_UART0_TXD UART Transmit Data O J28 5.3.9 MDIO 5.3.9.1 MCU Domain Table 5-60. MDIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_MDIO0_MDC MDIO Clock O F23 MCU_MDIO0_MDIO MDIO Data IO E23 5.3.10 CPSW2G Note The subsystem (SS) applies to both CPSW2G and the CPTS. For more details about CPTS signal characteristics, see the Section 5.3.21, CPTS signal descriptions. 5.3.10.1 MCU Domain Table 5-61. CPSW2G0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_RGMII1_RXC RGMII Receive Clock I C24 MCU_RGMII1_RX_CTL RGMII Receive Control I C25 MCU_RGMII1_TXC RGMII Transmit Clock O B26 MCU_RGMII1_TX_CTL RGMII Transmit Control O B27 MCU_RGMII1_RD0 RGMII Receive Data 0 I B24 MCU_RGMII1_RD1 RGMII Receive Data 1 I A24 MCU_RGMII1_RD2 RGMII Receive Data 2 I D24 MCU_RGMII1_RD3 RGMII Receive Data 3 I A25 MCU_RGMII1_TD0 RGMII Transmit Data 0 O B25 MCU_RGMII1_TD1 RGMII Transmit Data 1 O A26 MCU_RGMII1_TD2 RGMII Transmit Data 2 O A27 MCU_RGMII1_TD3 RGMII Transmit Data 3 O A28 MCU_RMII1_CRS_DV RMII Carrier Sense / Data Valid I B27 MCU_RMII1_REF_CLK RMII Reference Clock I C24 MCU_RMII1_RX_ER RMII Receive Data Error I C25 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 96 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |