| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4VM21 Fiches technique(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Fiches technique(HTML) 72 Page - Texas Instruments |
|
72 / 331 page ![]() Table 5-1. Pin Attributes (continued) BALL NUMBER 1 BALL NAME 2 SIGNAL NAME 3 MUXMODE 4 TYPE 5 BALL RESET STATE 6 BALL RESET REL. MUXMODE I/O VOLTAGE VALUE 8 POWER 9 HYS 10 BUFFER TYPE 11 PULL UP/ DOWN TYPE 12 DSIS 13 RXACTIVE/ TXDISABL E 14 L20, M19, M21, N20, P19 vdd_mcu vdd_mcu PWR AB11 vpp_core vpp_core PWR F17 VPP_MCU VPP_MCU PWR AA13, AC10, AC13, AD11, AD14, AD17, AE10, AE12, AE15, AE16, AE19, AE7, AF20, AF25, AF5, AG4, AG7, AH2, AH20, AH5, AJ4, AJ7, B3, B6, C1, C5, D2, D4, E1, E5, F4, G1, G7, H4, H6, K1, K4, L3, M1, M28, M4, M6, N27, N29, N3, P1, P28, P4, R3, U5 vss vss GND TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 72 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |