| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4VM21 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 331 page ![]() (5) Devices that support 4x RMII, 4x RGMII, 4x SGMII Allowed instances and pins: a. RMII1/RGMII1/SGMII1 b. RMII2/RGMII2/SGMII2 c. RMII3/RGMII3/SGMII3 d. RMII4/RGMII4/SGMII4 Devices that support 2x RMII, 2x RGMII, 2x SGMII Allowed instances and pins: a. RMII1/RGMII1/SGMII1 b. RMII2/RGMII2/SGMII2 (6) Two simultaneous flash interfaces configured as OSPI0 and OSPI1, or HyperBus and OSPI1. (7) Software should constrain the features used to match the intended production device. (8) OSPI1 module only pins out 4 pins and is referred to as QSPI in some contexts. (9) The Quad Core R5F device provides support for a dual core RF5 in the MCU domain (MCU_R5FSS) and a dual core R5F in the Main domain (R5FSS0). www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: TDA4VM-Q1 TDA4VM |