| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA4VM21 Fiches technique(PDF) 86 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Fiches technique(HTML) 86 Page - Texas Instruments |
|
86 / 331 page ![]() Table 5-9. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_GPIO0_10 General Purpose Input/Output IO H26 WKUP_GPIO0_11 General Purpose Input/Output IO H27 WKUP_GPIO0_12 General Purpose Input/Output IO G29 WKUP_GPIO0_13 General Purpose Input/Output IO H28 WKUP_GPIO0_14 General Purpose Input/Output IO H29 WKUP_GPIO0_15 General Purpose Input/Output IO J27 WKUP_GPIO0_16 General Purpose Input/Output IO E20 WKUP_GPIO0_17 General Purpose Input/Output IO C21 WKUP_GPIO0_18 General Purpose Input/Output IO D21 WKUP_GPIO0_19 General Purpose Input/Output IO D20 WKUP_GPIO0_20 General Purpose Input/Output IO G19 WKUP_GPIO0_21 General Purpose Input/Output IO G20 WKUP_GPIO0_22 General Purpose Input/Output IO F20 WKUP_GPIO0_23 General Purpose Input/Output IO F21 WKUP_GPIO0_24 General Purpose Input/Output IO E21 WKUP_GPIO0_25 General Purpose Input/Output IO B22 WKUP_GPIO0_26 General Purpose Input/Output IO G21 WKUP_GPIO0_27 General Purpose Input/Output IO F19 WKUP_GPIO0_28 General Purpose Input/Output IO E19 WKUP_GPIO0_29 General Purpose Input/Output IO F22 WKUP_GPIO0_30 General Purpose Input/Output IO A23 WKUP_GPIO0_31 General Purpose Input/Output IO B23 WKUP_GPIO0_32 General Purpose Input/Output IO D22 WKUP_GPIO0_33 General Purpose Input/Output IO G22 WKUP_GPIO0_34 General Purpose Input/Output IO D23 WKUP_GPIO0_35 General Purpose Input/Output IO C23 WKUP_GPIO0_36 General Purpose Input/Output IO C22 WKUP_GPIO0_37 General Purpose Input/Output IO E22 WKUP_GPIO0_38 General Purpose Input/Output IO B27 WKUP_GPIO0_39 General Purpose Input/Output IO C25 WKUP_GPIO0_40 General Purpose Input/Output IO A28 WKUP_GPIO0_41 General Purpose Input/Output IO A27 WKUP_GPIO0_42 General Purpose Input/Output IO A26 WKUP_GPIO0_43 General Purpose Input/Output IO B25 WKUP_GPIO0_44 General Purpose Input/Output IO B26 WKUP_GPIO0_45 General Purpose Input/Output IO C24 WKUP_GPIO0_46 General Purpose Input/Output IO A25 WKUP_GPIO0_47 General Purpose Input/Output IO D24 WKUP_GPIO0_48 General Purpose Input/Output IO A24 WKUP_GPIO0_49 General Purpose Input/Output IO B24 WKUP_GPIO0_50 General Purpose Input/Output IO E23 WKUP_GPIO0_51 General Purpose Input/Output IO F23 WKUP_GPIO0_52 General Purpose Input/Output IO E27 WKUP_GPIO0_53 General Purpose Input/Output IO E24 TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 86 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |