| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 291 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 291 Page - PMC-Sierra, Inc |
|
291 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 277 12 OPERATIONS This section presents connection details to the PM6344 EQUAD and PM4388 TOCTL devices, and operating details for the JTAG boundary scan feature. 12.1 EQUAD Connections The required connections between the PM6344 EQUAD and the FREEDM- 32P32 are shown in the following table: Table 28 – FREEDM–EQUAD Connections FREEDM Pin Direction EQUAD Pin RCLK[n] ¬ RDLCLK/RDLEOM[m] RD[n] ¬ RDLSIG/RDLINT[m] n.c. ¬ RFP[m] n.c. ¬ RCLKO[m] TCLK[n] ¬ TDLCLK/TDLURD[m] TD[n] ® TDLSIG/TDLINT[m] The RFRACE1 and TFRACE1 bits in the EQUAD’s Datalink Options Register should be set to ‘1’. In addition, the EQUAD’s Channel Select Registers should be programmed such that timeslot 0 is disabled and timeslots 1 to 31 enabled. 12.2 TOCTL Connections The required connections between the PM4388 TOCTAL and the FREEDM- 32P32 are shown in the following table: Table 29 – FREEDM–TOCTAL Connections FREEDM Pin Direction TOCTAL Pin RCLK[n] ¬ ICLK/ISIG[m] RD[n] ¬ ID[m] n.c. ¬ IFP[m] TCLK[n] ¬ EFP/RCLK/ESIG[m] TD[n] ® ED[m] |