| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7367 Fiches technique(PDF) 289 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367 Fiches technique(HTML) 289 Page - PMC-Sierra, Inc |
|
289 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 275 Figure 17 – Output Cell (OUT_CELL) D C D C G1 G2 12 MUX G1 1 1 MUX Output or Enable from system logic Scan Chain In Scan Chain Out EXTEST Output or Enable SHIFT-DR CLOCK-DR UPDATE-DR 12 12 12 IDCODE I.D. code bit Figure 18 – Bi-directional Cell (IO_CELL) D C D C G1 1 1 MUX OUTPUT from internal logic Scan Chain In Scan Chain Out EXTEST OUTPUT to pin SHIFT-DR CLOCK-DR UPDATE-DR INPUT from pin INPUT to internal logic G1 1 2 MUX 1 2 1 2 1 2 G2 IDCODE I.D. code bit |