Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C8051F337 Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce C8051F337
Description  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Fiches technique(HTML) 1 Page - Silicon Laboratories

  C8051F337 Datasheet HTML 1Page - Silicon Laboratories C8051F337 Datasheet HTML 2Page - Silicon Laboratories C8051F337 Datasheet HTML 3Page - Silicon Laboratories C8051F337 Datasheet HTML 4Page - Silicon Laboratories C8051F337 Datasheet HTML 5Page - Silicon Laboratories C8051F337 Datasheet HTML 6Page - Silicon Laboratories C8051F337 Datasheet HTML 7Page - Silicon Laboratories C8051F337 Datasheet HTML 8Page - Silicon Laboratories C8051F337 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 234 page
background image
Mixed Signal ISP Flash MCU Family
C8051F336/7/8/9
Rev. 0.2 8/07
Copyright © 2007 by Silicon Laboratories
C8051F336/7/8/9
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Peripherals
-
10-Bit ADC (‘F336/8 only)
•
Up to 200 ksps
•
Up to 20 external single-ended or differential inputs
•
VREF from on-chip VREF, external pin or VDD
•
Internal or external start of conversion source
•
Built-in temperature sensor
-
10-Bit Current Output DAC (‘F336/8 only)
-
Comparator
•
Programmable hysteresis and response time
•
Configurable as interrupt or reset source
On-Chip Debug
-
On-chip debug circuitry facilitates full speed, non-
intrusive in-system debug (no emulator required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
-
Low cost, complete development kit
Supply Voltage 2.7 to 3.6 V
-
Built-in voltage supply monitor
High-Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Expanded interrupt handler
Temperature Range: –40 to +85 °C
Memory
-
768 bytes internal data RAM (256 + 512)
-
16 kB Flash; In-system programmable in 512-byte
Sectors (512 bytes are reserved)
Digital Peripherals
-
21 or 17 Port I/O; All 5 V tolerant with high sink
current
-
Pin-compatible with C8051F330 family of MCUs
-
Hardware enhanced UART, SMBus™ (I2C compati-
ble), and enhanced SPI™ serial ports
-
Four general purpose 16-bit counter/timers
-
16-Bit programmable counter array (PCA) with three
capture/compare modules and enhanced PWM
functionality
-
Real time clock mode using timer and crystal
Clock Sources
-
24.5 MHz ±2% Oscillator
•
Supports crystal-less UART operation
•
Low-power suspend mode with fast wake time
-
80/20/40/10 kHz low-frequency, low-power
oscillator
-
External oscillator: Crystal, RC, C, or clock
(1 or 2 pin modes)
-
Can switch between clock sources on-the-fly; useful
in power saving modes
20 or 24-Pin QFN (4 x 4 mm)
ANALOG
PERIPHERALS
16 kB
ISP FLASH
768 B SRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(25 MIPS)
DIGITAL I/O
24.5 MHz PRECISION
INTERNAL OSCILLATOR
HIGH-SPEED CONTROLLER CORE
VOLTAGE
COMPARATOR
+
–
WDT
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Port 0
SPI
LOW FREQUENCY INTERNAL
OSCILLATOR
Port 1
P2.0–
P2.3*
‘F336/8 Only
P2.4*
10-bit
200 ksps
ADC
TEMP
SENSOR
A
M
U
X
10-bit
Current
DAC
*P2.1–2.4 QFN24 Only


Numéro de pièce similaire - C8051F337

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
C8051F337-GM SILABS-C8051F337-GM Datasheet
1Mb / 300P
50 MIPS 16 kB Flash, 512B EEPROM Mixed-Signal MCU
C8051F337-GM SILABS-C8051F337-GM Datasheet
1Mb / 227P
Mixed-Signal Byte-Programmable EPROM MCU
More results

Description similaire - C8051F337

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com