Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C8051F337 Fiches technique(PDF) 65 Page - Silicon Laboratories

No de pièce C8051F337
Description  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Fiches technique(HTML) 65 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 61Page - Silicon Laboratories C8051F337 Datasheet HTML 62Page - Silicon Laboratories C8051F337 Datasheet HTML 63Page - Silicon Laboratories C8051F337 Datasheet HTML 64Page - Silicon Laboratories C8051F337 Datasheet HTML 65Page - Silicon Laboratories C8051F337 Datasheet HTML 66Page - Silicon Laboratories C8051F337 Datasheet HTML 67Page - Silicon Laboratories C8051F337 Datasheet HTML 68Page - Silicon Laboratories C8051F337 Datasheet HTML 69Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 234 page
background image
Rev. 0.2
65
C8051F336/7/8/9
11. Comparator0
C8051F336/7/8/9 devices include an on-chip programmable voltage comparator, Comparator0, shown in
Figure 11.1.
The Comparator offers programmable response time and hysteresis, an analog input multiplexer, and two
outputs that are optionally available at the Port pins: a synchronous “latched” output (CP0), or an asyn-
chronous “raw” output (CP0A). The asynchronous CP0A signal is available even when the system clock is
not active. This allows the Comparator to operate and generate an output with the device in STOP mode.
When assigned to a Port pin, the Comparator output may be configured as open drain or push-pull (see
Section “20.4. Port I/O Initialization” on page 133). Comparator0 may also be used as a reset source (see
Section “18.5. Comparator0 Reset” on page 114).
The Comparator0 inputs are selected by the comparator input multiplexer, as detailed in Section
“11.1. Comparator Multiplexer” on page 70.
VDD
Reset
Decision
Tree
+
-
Crossbar
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
(SYNCHRONIZER)
GND
CP0 +
CP0 -
CPT0MD
CP0
CP0A
CP0
Interrupt
0
1
0
1
CP0RIF
CP0FIF
0
1
CP0EN
0
1
EA
Comparator
Input Mux
CPT0CN
Figure 11.1. Comparator0 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com