Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C8051F337 Fiches technique(PDF) 49 Page - Silicon Laboratories

No de pièce C8051F337
Description  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Fiches technique(HTML) 49 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 45Page - Silicon Laboratories C8051F337 Datasheet HTML 46Page - Silicon Laboratories C8051F337 Datasheet HTML 47Page - Silicon Laboratories C8051F337 Datasheet HTML 48Page - Silicon Laboratories C8051F337 Datasheet HTML 49Page - Silicon Laboratories C8051F337 Datasheet HTML 50Page - Silicon Laboratories C8051F337 Datasheet HTML 51Page - Silicon Laboratories C8051F337 Datasheet HTML 52Page - Silicon Laboratories C8051F337 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 234 page
background image
SFR Definition 7.2. ADC0H: ADC0 Data Word MSB
Bit
7
6
5
4
3
2
1
0
Name
ADC0H[7:0]
Type
R/W
Reset
0
0
0
0
0
0
0
0
Rev. 0.2
49
C8051F336/7/8/9
SFR Address = 0xBE
Bit
Name
Function
7:0
ADC0H[7:0] ADC0 Data Word High-Order Bits.
For AD0LJST = 0: Bits 7–2 are the sign extension of Bit1. Bits 1–0 are the upper 2
bits of the 10-bit ADC0 Data Word.
For AD0LJST = 1: Bits 7–0 are the most-significant bits of the 10-bit ADC0 Data
Word.
SFR Definition 7.3. ADC0L: ADC0 Data Word LSB
Bit
7
6
5
4
3
2
1
0
Name
ADC0L[7:0]
Type
R/W
Reset
0
0
0
0
0
0
0
0
SFR Address = 0xBD
Bit
Name
Function
7:0
ADC0L[7:0] ADC0 Data Word Low-Order Bits.
For AD0LJST = 0: Bits 7–0 are the lower 8 bits of the 10-bit Data Word.
For AD0LJST = 1: Bits 7–6 are the lower 2 bits of the 10-bit Data Word. Bits 5–0 will
always read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com