Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C8051F337 Fiches technique(PDF) 87 Page - Silicon Laboratories

No de pièce C8051F337
Description  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 Fiches technique(HTML) 87 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 83Page - Silicon Laboratories C8051F337 Datasheet HTML 84Page - Silicon Laboratories C8051F337 Datasheet HTML 85Page - Silicon Laboratories C8051F337 Datasheet HTML 86Page - Silicon Laboratories C8051F337 Datasheet HTML 87Page - Silicon Laboratories C8051F337 Datasheet HTML 88Page - Silicon Laboratories C8051F337 Datasheet HTML 89Page - Silicon Laboratories C8051F337 Datasheet HTML 90Page - Silicon Laboratories C8051F337 Datasheet HTML 91Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 234 page
background image
Rev. 0.2
87
C8051F336/7/8/9
OSCXCN
0xB1
External Oscillator Control
122
P0
0x80
Port 0 Latch
138
P0MASK
0xFE
Port 0 Mask Configuration
136
P0MAT
0xFD
Port 0 Match Configuration
136
P0MDIN
0xF1
Port 0 Input Mode Configuration
139
P0MDOUT
0xA4
Port 0 Output Mode Configuration
139
P0SKIP
0xD4
Port 0 Skip
140
P1
0x90
Port 1 Latch
140
P1MASK
0xEE
Port 1Mask Configuration
137
P1MAT
0xED
Port 1 Match Configuration
137
P1MDIN
0xF2
Port 1 Input Mode Configuration
141
P1MDOUT
0xA5
Port 1 Output Mode Configuration
141
P1SKIP
0xD5
Port 1 Skip
142
P2
0xA0
Port 2 Latch
142
P2MDIN
0xF3
Port 2 Input Mode Configuration
143
P2MDOUT
0xA6
Port 2 Output Mode Configuration
143
P2SKIP
0xD6
Port 2 Skip
144
PCA0CN
0xD8
PCA Control
223
PCA0CPH0
0xFC
PCA Capture 0 High
228
PCA0CPH1
0xEA
PCA Capture 1 High
228
PCA0CPH2
0xEC
PCA Capture 2 High
228
PCA0CPL0
0xFB
PCA Capture 0 Low
228
PCA0CPL1
0xE9
PCA Capture 1 Low
228
PCA0CPL2
0xEB
PCA Capture 2 Low
228
PCA0CPM0
0xDA
PCA Module 0 Mode Register
226
PCA0CPM1
0xDB
PCA Module 1 Mode Register
226
PCA0CPM2
0xDC
PCA Module 2 Mode Register
226
PCA0H
0xFA
PCA Counter High
227
PCA0L
0xF9
PCA Counter Low
227
PCA0MD
0xD9
PCA Mode
224
PCA0PWM
0xF7
PCA PWM Configuration
225
PCON
0x87
Power Control
109
PSCTL
0x8F
Program Store R/W Control
104
PSW
0xD0
Program Status Word
80
Table 14.2. Special Function Registers (Continued)
SFRs are listed in alphabetical order. All undefined SFR locations are reserved
Register
Address
Description
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com