Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E53-R4R4 Fiches technique(PDF) 18 Page - Omron Electronics LLC

No de pièce E53-R4R4
Description  Advanced, Compact Digital Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R4R4 Fiches technique(HTML) 18 Page - Omron Electronics LLC

Back Button E53-R4R4 Datasheet HTML 14Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 15Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 16Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 17Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 18Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 19Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 20Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 21Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 22Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
I-80
Digital Controller
E5CK
Option Mode
0
stop
e U - 1
2
7
eUen
96
0
sp
1300
-200
b p s
u - n o
t r - t
e U - m
p r t y
s b i t
l e n
t r - h
t r - l
Multi-SP Function
Available for the event input function.
Event Input Assignment 1
Available for the event input function.
Communication Stop Bit
Used when the communications function is being used.
Communication Data Length
Used when the communications function is being used.
Communication Parity
Used when the communications function is being used.
Communication Baud Rate
Used when the communications function is being used.
Communication Unit No.
Used when the communications function is being used.
Transfer Output Type
Set when the transfer output function is being used.
Transfer Output Upper Limit
Set when the transfer output function is being used.
Transfer Output Lower Limit
Set when the transfer output function is being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22