| Moteur de recherche de fiches techniques de composants électroniques |
|
E53-R4R4 Fiches technique(PDF) 16 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E53-R4R4 Fiches technique(HTML) 16 Page - Omron Electronics LLC |
|
16 / 22 page ![]() I-78 Digital Controller E5CK Switch setting Alarm operation Alarm output When X is positive When X is negative 1 Upper- and lower-limit alarm (deviation) Always ON 2 Upper-limit alarm (deviation) 3 Lower-limit alarm (deviation) 4 Upper- and lower-limit range alarm (deviation) Always OFF 5 Upper- and lower-limit alarm with standby se- quence (deviation) Always OFF 6 Upper-limit alarm with standby sequence (devia- tion) 7 Lower-limit alarm with standby sequence (devia- tion) 8 Absolute-value upper-limit alarm 9 Absolute-value lower-limit alarm 10 Absolute-value upper-limit alarm with standby se- quence 11 Absolute-value lower-limit alarm with standby se- quence XX ON OFF SP X SP ON OFF X SP ON OFF X SP ON OFF X SP ON OFF XX SP ON OFF XX SP ON OFF X SP ON OFF X SP ON OFF X SP ON OFF X SP ON OFF X 0 ON OFF 0 X ON OFF X 0 ON OFF 0 X ON OFF X 0 ON OFF 0 X ON OFF X 0 ON OFF 0 X ON OFF |