| Moteur de recherche de fiches techniques de composants électroniques |
|
VL53L4ED Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL53L4ED Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 39 page ![]() 7.5.1 Ranging accuracy definition ............................................... 22 7.5.2 Ranging accuracy at nominal temperature .................................... 22 7.5.3 Evolution of accuracy over temperature ...................................... 23 7.6 Ranging drift with temperature................................................... 24 8 Outline drawings .................................................................25 9 Field of view and field of illumination .............................................28 10 Laser safety ......................................................................29 11 Packing and labeling .............................................................30 11.1 Product marking .............................................................. 30 11.2 Inner box labeling ............................................................. 30 11.3 Packing...................................................................... 30 11.4 Tape outline drawing........................................................... 31 12 Handling, moisture, and reflow precautions .......................................32 12.1 Shock precaution.............................................................. 32 12.2 Part handling ................................................................. 32 12.3 Compression force ............................................................ 32 12.4 Moisture sensitivity level........................................................ 32 12.5 Pb-free solder reflow process ................................................... 32 13 Package information..............................................................34 14 Ordering information .............................................................35 Revision history .......................................................................36 VL53L4ED Contents DS14256 - Rev 3 page 38/39 |