Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L4ED Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 29Page - STMicroelectronics VL53L4ED Datasheet HTML 30Page - STMicroelectronics VL53L4ED Datasheet HTML 31Page - STMicroelectronics VL53L4ED Datasheet HTML 32Page - STMicroelectronics VL53L4ED Datasheet HTML 33Page - STMicroelectronics VL53L4ED Datasheet HTML 34Page - STMicroelectronics VL53L4ED Datasheet HTML 35Page - STMicroelectronics VL53L4ED Datasheet HTML 36Page - STMicroelectronics VL53L4ED Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Figure 32. Solder profile
Note:
The component should be limited to a maximum of three passes through this solder profile.
Note:
As the VL53L4ED package is not sealed, only a dry reflow process should be used (such as convection reflow).
Vapor phase reflow is not suitable for this type of optical component.
Note:
The VL53L4ED is an optical component and as such, it should be treated carefully. This would typically include
using a ‘no wash’ assembly process.
VL53L4ED
Handling, moisture, and reflow precautions
DS14256 - Rev 3
page 33/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39