| Moteur de recherche de fiches techniques de composants électroniques |
|
VL53L4ED Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL53L4ED Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 39 page ![]() 1 Acronyms and abbreviations Acronym/abbreviation Definition AF autofocus API application programming interface BOM bill of material ESD electrostatic discharge FoV field of view FoI field of illumination FW BOOT firmware boot HW STANDBY hardware standby I²C inter-integrated circuit (serial bus) MSB most significant bit NA not applicable PCB printed circuit board PDAF phase-detection autofocus SCL serial clock line SDA serial data line SW STANDBY software standby SPAD single photon avalanche diode ToF Time-of-Flight ULD ultra lite driver VCSEL vertical-cavity surface-emitting laser VL53L4ED Acronyms and abbreviations DS14256 - Rev 3 page 3/39 |