Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VL53L4ED Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce VL53L4ED
Description  Time-of-Flight high accuracy proximity sensor with extended temperature capability
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4ED Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button VL53L4ED Datasheet HTML 27Page - STMicroelectronics VL53L4ED Datasheet HTML 28Page - STMicroelectronics VL53L4ED Datasheet HTML 29Page - STMicroelectronics VL53L4ED Datasheet HTML 30Page - STMicroelectronics VL53L4ED Datasheet HTML 31Page - STMicroelectronics VL53L4ED Datasheet HTML 32Page - STMicroelectronics VL53L4ED Datasheet HTML 33Page - STMicroelectronics VL53L4ED Datasheet HTML 34Page - STMicroelectronics VL53L4ED Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
11.4
Tape outline drawing
The pictures below show the tape outline drawings for modules without and with liner. The pin1 of the module is
referenced by a red star in the figures.
Figure 30. Tape outline drawing - option modules without liner
Figure 31. Tape outline drawing - option modules with liner
Caution:
For sensors with the liner option, the liner must be removed during assembly of the customer device, just before
mounting the cover glass. The liner is compliant with a reflow at 260°C (as per JEDEC-JSTD-020-C).
VL53L4ED
Packing and labeling
DS14256 - Rev 3
page 31/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39