| Moteur de recherche de fiches techniques de composants électroniques |
|
C310 Fiches technique(PDF) 54 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C310 Fiches technique(HTML) 54 Page - Coilcraft lnc. |
|
54 / 60 page ![]() 54 www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 LPD3015 Common mode Cutoff impedance frequency Inductance (µH) DCR max Isolation Irms Part number max (kOhms) (MHz) min nom (Ohms) (Vrms) (A) LPD3015-391MRC 1.03 @ 330 MHz 540 0.312 0.39 0.071 100 1.45 LPD3015-561MRC 1.44 @ 240 MHz 540 0.448 0.56 0.079 100 1.37 LPD3015-102MRC 2.43 @ 160 MHz 330 0.800 1.0 0.129 100 1.08 LPD3015-152MRC 3.56 @ 130 MHz 330 1.20 1.5 0.204 100 0.86 LPD3015-182MRC 4.37 @ 110 MHz 280 1.44 1.8 0.273 100 0.78 LPD3015-222MRC 4.67 @ 100 MHz 330 1.76 2.2 0.300 100 0.75 LPD3015-332MRC 7.28 @ 81 MHz 220 2.64 3.3 0.337 100 0.67 LPD3015-472MRC 10.7 @ 66 MHz 210 3.76 4.7 0.503 100 0.54 LPD3015-682MRC 12.1 @ 54 MHz 290 5.44 6.8 0.622 100 0.49 LPD3015-103MRC 17.8 @ 47 MHz 330 8.00 10 1.040 100 0.38 LPD3015-153MRC 22.6 @ 33 MHz 140 12.0 15 1.420 100 0.32 LPD3015-183MRC 29.0 @ 31 MHz 94 14.4 18 1.550 100 0.31 LPD3015-223MRC 27.3 @ 24 MHz 88 17.6 22 1.89 100 0.28 LPD3015-333MRC 41.1 @ 21 MHz 59 26.4 33 2.84 100 0.23 LPD3015-473MRC 48.7 @ 18 MHz 50 37.6 47 4.03 100 0.19 LPD3015-683MRC 64.5 @ 14 MHz 48 54.4 68 6.11 100 0.16 LPD3015-104MRC 94.7 @ 13 MHz 47 80.0 100 8.54 100 0.13 LPD3015-124MRC 116 @ 11 MHz 37 96.0 120 9.23 100 0.13 LPD3015-154MRC 135 @ 9.3 MHz 27 120 150 12.40 100 0.11 LPD3015-184MRC 170 @ 8.0 MHz 39 144 180 15.32 100 0.10 LPD3015-224MRC 155 @ 7.1 MHz 27 176 220 18.56 100 0.09 LPD3015-334MRC 222 @ 5.9 MHz 16 264 330 27.70 100 0.07 LPD4012 Common mode Cutoff impedance frequency Inductance (µH) DCR max Isolation Irms Part number max (kOhms) (MHz) min nom (Ohms) (Vrms) (A) LPD4012-331NRC 0.75 @ 290 MHz 475 0.231 0.33 0.042 100 1.87 LPD4012-561NRC 0.94 @ 190 MHz 460 0.392 0.56 0.087 100 1.30 LPD4012-821NRC 1.78 @ 160 MHz 400 0.574 0.82 0.100 100 1.21 LPD4012-152NRC 3.27 @ 150 MHz 410 1.05 1.5 0.185 100 1.15 LPD4012-222NRC 4.19 @ 110 MHz 260 1.54 2.2 0.235 100 0.95 LPD4012-332NRC 6.24 @ 90 MHz 220 2.31 3.3 0.32 100 0.75 LPD4012-472MRC 10.19 @ 64 MHz 230 3.76 4.7 0.50 100 0.65 LPD4012-562MRC 12.05 @ 62 MHz 270 4.48 5.6 0.62 100 0.55 LPD4012-682MRC 10.18 @ 54 MHz 210 5.44 6.8 0.53 100 0.60 LPD4012-822MRC 13.16 @ 54 MHz 160 6.56 8.2 0.60 100 0.55 LPD4012-103MRC 16.26 @ 49 MHz 200 8.0 10 0.75 100 0.50 LPD4012-153MRC 21.01 @ 35 MHz 110 12.0 15 1.13 100 0.43 LPD4012-223MRC 28.19 @ 28 MHz 85 17.6 22 1.63 100 0.34 LPD4012-333MRC 30.67 @ 22 MHz 110 26.4 33 1.83 100 0.31 LPD4012-473MRC 35.31 @ 19 MHz 93 37.6 47 2.52 100 0.28 LPD4012-683MRC 47.06 @ 15 MHz 69 54.4 68 3.23 100 0.25 LPD4012-823MRC 48.72 @ 13 MHz 37 65.6 82 3.66 100 0.23 LPD4012-104MRC 58.90 @ 12 MHz 33 80.0 100 4.76 100 0.20 LPD4012-124MRC 69.63 @ 11 MHz 27 96.0 120 5.54 100 0.19 LPD4012-154MRC 94.73 @ 9.5 MHz 42 120 150 6.90 100 0.17 LPD4012-184MRC 114.84 @ 8 MHz 37 144 180 8.75 100 0.14 LPD4012-224MRC 129.43 @ 7.2 MHz 26 176 220 11.24 100 0.12 LPD4012-334MRC 162.61 @ 5.5 MHz 19 264 330 17.00 100 0.10 LPD5010 Common mode Cutoff impedance frequency Inductance (µH) DCR max Isolation Irms Part number max (kOhms) (MHz) min nom (Ohms) (Vrms) (A) LPD5010-681MRC 0.88 @ 200 MHz 470 0.544 0.680 0.07 100 1.95 LPD5010-102MRC 1.43 @ 160 MHz 530 0.800 1.00 0.10 100 1.50 LPD5010-152MRC 2.05 @ 110 MHz 380 1.20 1.50 0.15 100 1.20 LPD5010-222MRC 3.03 @ 100 MHz 260 1.76 2.20 0.20 100 1.10 LPD5010-332MRC 4.60 @ 80 MHz 190 2.64 3.30 0.27 100 0.95 LPD5010-472MRC 6.47 @ 64 MHz 160 3.76 4.70 0.40 100 0.75 LPD5010-562MRC 7.27 @ 64 MHz 140 4.48 5.60 0.45 100 0.70 LPD5010-682MRC 8.76 @ 54 MHz 150 5.44 6.80 0.53 100 0.60 LPD5010-822MRC 10.97 @ 49 MHz 180 6.56 8.20 0.70 100 0.50 LPD5010-103MRC 12.53 @ 46 MHz 130 8.00 10.0 0.78 100 0.50 LPD5010-153MRC 18.79 @ 36 MHz 96 12.0 15.0 1.19 100 0.42 LPD5010-223MRC 18.52 @ 28 MHz 80 17.6 22.0 1.58 100 0.35 LPD5010-333MRC 26.33 @ 20 MHz 55 26.4 33.0 2.50 100 0.30 LPD5010-473MRC 35.62 @ 18 MHz 43 37.6 47.0 3.48 100 0.25 LPD5010-683MRC 48.54 @ 15 MHz 58 54.4 68.0 5.10 100 0.19 LPD5010-104MRC 78.14 @ 13 MHz 50 80.0 100 8.00 100 0.15 LPD5010-154MRC 116.8 @ 9.8 MHz 26 120 150 11.7 100 0.12 LPD5010-224MRC 129.4 @ 7.2 MHz 28 176 220 15.2 100 0.11 LPD5030 Common mode Cutoff impedance frequency Inductance (µH) DCR max Isolation Irms Part number max (kOhms) (MHz) min nom (Ohms) (Vrms) (A) LPD5030-571NRC 0.47 @ 250 MHz 490 0.399 0.570 0.031 100 2.30 LPD5030-781NRC 0.69 @ 210 MHz 400 0.546 0.780 0.038 100 2.25 LPD5030-102NRC 1.03 @ 150 MHz 380 0.800 1.00 0.042 100 2.20 LPD5030-152MRC 1.48 @ 110 MHz 260 1.20 1.50 0.048 100 2.05 LPD5030-222MRC 1.90 @ 93 MHz 260 1.76 2.20 0.067 100 1.95 LPD5030-332MRC 3.84 @ 66 MHz 210 2.64 3.30 0.077 100 1.70 LPD5030-472MRC 4.34 @ 53 MHz 190 3.76 4.70 0.111 100 1.40 LPD5030-562MRC 6.28 @ 45 MHz 140 4.48 5.60 0.125 100 1.35 LPD5030-682MRC 7.10 @ 43 MHz 140 5.44 6.80 0.159 100 1.20 LPD5030-103MRC 11.58 @ 36 MHz 110 8.00 10.0 0.210 100 1.05 LPD5030-153MRC 16.01 @ 26 MHz 87 12.0 15.0 0.298 100 0.85 LPD5030-223MRC 20.32 @ 21 MHz 65 17.6 22.0 0.452 100 0.70 LPD5030-333MRC 34.28 @ 19 MHz 67 26.4 33.0 0.565 100 0.60 LPD5030-473MRC 37.00 @ 13 MHz 50 37.6 47.0 0.806 100 0.50 LPD5030-683MRC 47.73 @ 11 MHz 42 54.4 68.0 1.13 100 0.43 LPD5030-104MRC 74.28 @ 8.7 MHz 34 80.0 100 1.79 100 0.33 LPD5030-154MRC 83.32 @ 7.2 MHz 27 120 150 2.43 100 0.28 LPD5030-224MRC 119.7 @ 5.8 MHz 20 176 220 3.30 100 0.24 LPD5030-334MRC 180.5 @ 4.3 MHz 18 264 330 5.36 100 0.18 LPD5030-474MRC 231.1 @ 3.6 MHz 16 376 470 7.51 100 0.15 LPD5030-684MRC 285.9 @ 3.2 MHz 13 544 680 10.8 100 0.13 LPD5030-105MRC 355.2 @ 2.5 MHz 11 800 1000 16.5 100 0.10 Dimensions (inches mm) Series A max B max C max D ref LPD3015 0.121 3,07 0.121 3,07 0.059 1,5 0.039 0,99 LPD4012 0.158 4,02 0.158 4,02 0.0473 1,2 0.060 1,52 LPD5010 0.192 4,88 0.192 4,88 0.039 1,0 0.060 1,52 LPD5030 0.192 4,88 0.192 4,88 0.118 3,0 0.060 1,52 PFD2015 0.090 2,29 0.060 1,52 0.059 1,5 PFD3215 0.131 3,32 0.092 2,33 0.059 1,5 A C B PFD Series LPD Series A B C D PFD2015 Common mode Cutoff impedance frequency Inductance (µH) DCR max Isolation Irms Part number max (kOhms) (MHz) min nom (Ohms) (Vrms) (A) PFD2015-102MEC 2.30 @ 400 MHz 550 0.80 1.0 0.165 250 0.800 PFD2015-122MEC 3.45 @ 350 MHz 560 0.96 1.2 0.175 250 0.750 PFD2015-182MEC 4.21 @ 510 MHz 350 1.44 1.8 0.294 250 0.490 PFD2015-272MEC 6.16 @ 720 MHz 380 2.16 2.7 0.477 250 0.410 PFD2015-332MEC 7.14 @ 610 MHz 330 2.64 3.3 0.670 250 0.370 PFD2015-472MEC 9.78 @ 460 MHz 230 3.76 4.7 1.00 250 0.260 PFD2015-682MEC 14.18 @ 290 MHz 260 5.44 6.8 1.75 250 0.187 PFD2015-822MEC 13.81 @ 250 MHz 170 6.56 8.2 2.50 250 0.150 PFD2015-103MEC 14.73 @ 470 MHz 220 8.00 10 3.40 250 0.130 PFD3215 Common mode Cutoff impedance frequency Inductance (µH) DCR max Isolation Irms Part number max (kOhms) (MHz) min nom (Ohms) (Vrms) (A) PFD3215-391MEC 0.94 @ 960 MHz 490 0.31 0.39 0.070 250 0.98 PFD3215-102MEC 1.10 @ 540 MHz 200 0.80 1.0 0.123 250 0.85 PFD3215-182MEC 2.60 @ 880 MHz 310 1.4 1.8 0.250 250 0.60 PFD3215-222MEC 2.20 @ 560 MHz 300 1.7 2.2 0.265 250 0.57 PFD3215-332MEC 6.51 @ 230 MHz 260 2.6 3.3 0.360 250 0.55 PFD3215-472MEC 2.82 @ 280 MHz 190 3.7 4.7 0.450 250 0.51 PFD3215-682MEC 3.26 @ 220 MHz 190 5.4 6.8 0.630 250 0.40 PFD3215-103MEC 15.41 @ 130 MHz 170 8.0 10 1.25 250 0.27 Data / Power Line Common Mode EMI Chokes The LPD, MSD and PFD Families are low profile, miniature footprint common mode chokes that can be used to attenuate common mode noise or differential mode noise in both data and power line applications. |