Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C310 Fiches technique(PDF) 41 Page - Coilcraft lnc.

No de pièce C310
Description  MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COILCRAFT [Coilcraft lnc.]
Site Internet  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C310 Fiches technique(HTML) 41 Page - Coilcraft lnc.

Back Button C310 Datasheet HTML 37Page - Coilcraft lnc. C310 Datasheet HTML 38Page - Coilcraft lnc. C310 Datasheet HTML 39Page - Coilcraft lnc. C310 Datasheet HTML 40Page - Coilcraft lnc. C310 Datasheet HTML 41Page - Coilcraft lnc. C310 Datasheet HTML 42Page - Coilcraft lnc. C310 Datasheet HTML 43Page - Coilcraft lnc. C310 Datasheet HTML 44Page - Coilcraft lnc. C310 Datasheet HTML 45Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595
41
Unshielded SM Power Inductors
SPICE models
Available on
our web site
Dimensions (inches mm)
Series
A max
B max
C max
D
DO1605T
0.165 4,20
0.216 5,50
0.071 1,80
0.029 0,74
DO3314
0.138 3,50
0.138 3,50
0.055 1,40
0.040 1,02
LPO3010
0.126 3,20
0.126 3,20
0.043 1,1
0.035 0,89
LPO3310
0.138 3,50
0.138 3,50
0.044 1,12
0.040 1,02
LPO4812
0.190 4,83
0.181 4,60
0.047 1,20
0.031 0,79
LPO4815
0.190 4,83
0.181 4,60
0.059 1,50
0.031 0,79
LPO6013
0.236 6,0
0.220 5,60
0.051 1,30
0.040 1,02
LPO3010
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
(µH)
(Ohms)
(MHz)
10% drop
(A)
LPO3010-102NLC
1.0 ±30%
0.140
200
1.7
1.4
LPO3010-122NLC
1.2 ±30%
0.160
190
1.6
1.4
LPO3010-152NLC
1.5 ±30%
0.200
150
1.3
1.0
LPO3010-222NLC
2.2 ±30%
0.265
140
1.2
0.90
LPO3010-332NLC
3.3 ±30%
0.335
100
0.96
0.60
LPO3010-472NLC
4.7 ±30%
0.570
80
0.76
0.50
LPO3010-682NLC
6.8 ±30%
0.650
68
0.68
0.47
LPO3010-822NLC
8.2 ±30%
1.00
60
0.64
0.45
LPO3010-103MLC
10 ±20%
1.15
50
0.50
0.45
LPO3010-153MLC
15 ±20%
1.57
35
0.42
0.40
LPO3010-223MLC
22 ±20%
2.20
30
0.37
0.35
LPO3010-333MLC
33 ±20%
2.80
14
0.31
0.29
LPO3010-473MLC
47 ±20%
4.60
12
0.30
0.28
LPO6013
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
(µH)
(Ohms)
(MHz)
10% drop
(A)
LPO6013-102MLC
1.0 ±20%
0.06
200
1.9
1.5
LPO6013-152MLC
1.5 ±20%
0.07
200
1.6
1.4
LPO6013-222MLC
2.2 ±20%
0.08
150
1.3
1.3
LPO6013-332MLC
3.3 ±20%
0.11
110
1.1
1.3
LPO6013-392MLC
3.9 ±20%
0.13
100
1.0
1.2
LPO6013-472MLC
4.7 ±20%
0.15
90
0.90
1.2
LPO6013-682MLC
6.8 ±20%
0.20
70
0.70
1.2
LPO6013-822MLC
8.2 ±20%
0.22
65
0.70
1.0
LPO6013-103KLC
10 ±10%
0.30
60
0.60
1.0
LPO6013-153KLC
15 ±10%
0.38
47
0.55
0.85
LPO6013-223KLC
22 ±10%
0.52
37
0.45
0.80
LPO6013-333KLC
33 ±10%
0.73
30
0.40
0.74
LPO6013-393KLC
39 ±10%
0.96
28
0.35
0.67
LPO6013-473KLC
47 ±10%
1.0
25
0.30
0.60
LPO6013-683KLC
68 ±10%
1.7
21
0.28
0.49
LPO6013-104KLC
104 ±10%
3.2
17
0.22
0.35
LPO6013-154KLC
154 ±10%
4.3
14
0.19
0.30
LPO6013-224KLC
224 ±10%
5.8
10
0.15
0.26
LPO6013-334KLC
334 ±10%
7.0
8.0
0.13
0.23
LPO6013-474KLC
474 ±10%
10
7.0
0.10
0.20
LPO6013-684KLC
684 ±10%
14
5.6
0.09
0.18
LPO6013-105KLC
1000 ±10%
21
4.7
0.07
0.13
LPO4815
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
(µH)
(Ohms)
(MHz)
10% drop
(A)
LPO4815-102MLC
1.0 ±20%
0.036
230
1.6
1.9
LPO4815-152MLC
1.5 ±20%
0.085
200
1.5
1.7
LPO4815-222MLC
2.2 ±20%
0.088
150
1.1
1.5
LPO4815-332MLC
3.3 ±20%
0.12
115
0.90
1.3
LPO4815-392MLC
3.9 ±20%
0.13
105
0.86
1.2
LPO4815-472MLC
4.7 ±20%
0.15
95
0.77
1.1
LPO4815-682MLC
6.8 ±20%
0.18
72
0.65
1.0
LPO4815-822MLC
8.2 ±20%
0.22
65
0.58
0.90
LPO4815-103KLC
10 ±10%
0.23
60
0.50
0.85
LPO4815-123KLC
12 ±10%
0.31
50
0.45
0.80
LPO4815-153KLC
15 ±10%
0.36
45
0.42
0.75
LPO4815-223KLC
22 ±10%
0.48
35
0.36
0.70
LPO4815-333KLC
33 ±10%
0.71
30
0.28
0.65
LPO4815-393KLC
39 ±10%
0.83
25
0.26
0.60
LPO4815-473KLC
47 ±10%
1.20
25
0.22
0.55
LPO4815-683KLC
68 ±10%
1.40
20
0.20
0.45
LPO4815-104KLC
100 ±10%
2.15
15
0.15
0.36
LPO4815-154KLC
150 ±10%
3.15
12
0.13
0.30
LPO4815-224KLC
220 ±10%
4.30
10
0.11
0.27
LPO4812
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
(µH)
(Ohms)
(MHz)
10% drop
(A)
LPO4812-102MLC
1.0 ±20%
0.055
270
1.30
0.85
LPO4812-152MLC
1.5 ±20%
0.080
220
1.00
0.85
LPO4812-222MLC
2.2 ±20%
0.090
170
0.80
0.85
LPO4812-332MLC
3.2 ±20%
0.120
140
0.70
0.80
LPO4812-472MLC
4.7 ±20%
0.155
110
0.60
0.80
LPO4812-682MLC
6.8 ±20%
0.225
90
0.45
0.78
LPO4812-822MLC
8.2 ±20%
0.270
70
0.45
0.77
LPO4812-103KLC
10 ±10%
0.300
60
0.40
0.76
LPO4812-153KLC
15 ±10%
0.460
50
0.32
0.72
LPO4812-223KLC
22 ±10%
0.640
40
0.28
0.59
LPO4812-333KLC
33 ±10%
0.850
30
0.22
0.54
LPO4812-473KLC
47 ±10%
1.30
28
0.20
0.50
LPO4812-683KLC
68 ±10%
1.80
22
0.16
0.39
LPO4812-104KLC
100 ±10%
2.60
18
0.13
0.32
LPO4812-154KLC
150 ±10%
4.20
14
0.10
0.26
LPO4812-224KLC
220 ±10%
5.50
11
0.09
0.24
DO3314
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(Ohms)
(MHz)
10% drop
(A)
DO3314-102MLC
1.0
0.11
160
2.10
1.70
DO3314-152MLC
1.5
0.14
140
2.00
1.40
DO3314-222MLC
2.2
0.20
90
1.60
1.30
DO3314-332MLC
3.3
0.26
80
1.40
1.20
DO3314-472MLC
4.7
0.32
60
1.20
1.10
DO3314-682MLC
6.8
0.44
45
0.92
0.80
DO3314-822MLC
8.2
0.47
45
0.90
0.75
DO3314-103MLC
10
0.52
40
0.80
0.75
DO3314-153MLC
15
0.86
30
0.68
0.65
DO3314-223MLC
22
1.20
20
0.56
0.50
DO3314-333MLC
33
1.62
15
0.51
0.40
DO1605T
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(Ohms)
(MHz)
10% drop
(A)
DO1605T-102MLC
1.0
0.04
230
2.5
2.3
DO1605T-152MLC
1.5
0.06
180
2.2
2.1
DO1605T-222MLC
2.2
0.07
140
1.8
1.7
DO1605T-332MLC
3.3
0.12
110
1.4
1.3
DO1605T-472MLC
4.7
0.15
100
1.2
1.1
DO1605T-682MLC
6.8
0.20
80
1.1
1.0
DO1605T-822MLC
8.2
0.23
70
1.0
0.95
DO1605T-103MLC
10
0.27
60
1.0
0.90
DO1605T-153MLC
15
0.35
45
0.8
0.70
DO1605T-223MLC
22
0.54
35
0.6
0.50
DO1605T-333MLC
33
0.74
30
0.5
0.45
DO1605T-473MLC
47
1.1
22
0.45
0.40
DO1605T-683MLC
68
1.6
20
0.35
0.35
DO1605T-104MLC
100
2.3
15
0.30
0.30
DO1605T-154MLC
150
3.5
10
0.25
0.25
DO1605T-224MLC
220
5.7
9
0.20
0.18
DO1605T-334MLC
330
8.2
8
0.16
0.16
DO1605T-474MLC
470
10.8
7
0.14
0.12
DO1605T-684MLC
680
17.2
5
0.12
0.10
DO1605T-105MLC
1000
22.6
4
0.08
0.08
LPO3310
Inductance
DCR max
SRF typ
I
sat (A)
I
rms
Part number
±20% (µH)
(Ohms)
(MHz)
10% drop
(A)
LPO3310-301MLC
0.30
0.040
420
2.8
2.8
LPO3310-471MLC
0.47
0.042
310
2.3
2.3
LPO3310-701MLC
0.70
0.068
200
1.9
1.9
LPO3310-102MLC
1.0
0.076
180
1.6
1.6
LPO3310-152MLC
1.5
0.12
153
1.4
1.4
LPO3310-222MLC
2.2
0.15
112
1.1
1.1
LPO3310-332MLC
3.3
0.20
91
0.95
0.95
LPO3310-472MLC
4.7
0.27
80
0.80
0.80
LPO3310-682MLC
6.8
0.36
68
0.66
0.66
LPO3310-822MLC
8.2
0.50
58
0.65
0.65
LPO3310-103MLC
10
0.52
52
0.57
0.57
LPO3310-153MLC
15
0.80
36
0.45
0.45
LPO3310-223MLC
22
1.20
34
0.37
0.37
LPO3310-333MLC
33
1.78
27
0.30
0.30
LPO3310-473MLC
47
2.15
22
0.25
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60