| Moteur de recherche de fiches techniques de composants électroniques |
|
C310 Fiches technique(PDF) 25 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C310 Fiches technique(HTML) 25 Page - Coilcraft lnc. |
|
25 / 60 page ![]() www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 25 XGL5020 Ultra-Low DCR I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) typ max (MHz) 30%drop rise rise XGL5020-161MEC 0.16 1.8 2.1 150 27.0 21.2 29.4 XGL5020-331MEC 0.33 2.7 3.2 90 18.8 17.2 24.4 XGL5020-471MEC 0.47 3.7 4.3 75 15.7 16.0 22.1 XGL5020-561MEC 0.56 4.2 4.9 70 15.2 14.0 19.4 XGL5020-681MEC 0.68 5.3 6.1 65 14.0 12.9 17.6 XGL5020-821MEC 0.82 5.9 6.8 55 12.3 12.4 17.1 XGL5020-901MEC 0.90 7.0 8.0 50 11.8 11.4 15.6 XGL5020-102MEC 1.0 7.5 8.7 50 11.4 11.0 15.0 XGL5020-122MEC 1.2 8.9 10.3 40 10.0 10.0 13.3 XGL5020-152MEC 1.5 11.4 13.2 38 8.9 9.5 12.8 XGL5020-182MEC 1.8 14.3 16.5 35 8.3 8.6 11.7 XGL5020-222MEC 2.2 16.3 18.8 30 7.6 7.8 10.7 XGL5020-332MEC 3.3 23.4 27.0 25 6.5 6.8 9.4 XGL5020-472MEC 4.7 36.0 41.5 20 5.3 5.7 7.9 XGL5020-562MEC 5.6 45.1 52.0 19 4.9 4.3 5.9 XGL5020-682MEC 6.8 55.0 63.5 18 4.5 3.6 4.9 XGL5020-822MEC 8.2 64.0 73.6 16 4.1 3.3 4.5 Dimensions (inches mm) Series Amax Bmax Cmax D XGL3512 0.144 3,65 0.132 3,35 0.047 1,2 0.045 1,14 XGL3515 0.144 3,65 0.132 3,35 0.059 1,5 0.045 1,14 XGL3520 0.144 3,65 0.132 3,35 0.079 2,0 0.045 1,14 XGL3530 0.144 3,65 0.132 3,35 0.118 3,0 0.045 1,14 XGL4015 0.169 4,3 0.169 4,3 0.059 1,5 0.062 1,57 XGL4020 0.169 4,3 0.169 4,3 0.083 2,1 0.062 1,57 XGL4025 0.169 4,3 0.169 4,3 0.098 2,5 0.062 1,57 XGL4030 0.169 4,3 0.169 4,3 0.122 3,1 0.062 1,57 XGL4040 0.169 4,3 0.161 4,3 1.614 4,1 0.062 1,57 XGL5020 0.224 5,5 0.216 5,3 0.083 2,1 0.091 2,31 XGL5030 ≤0.82 µH 0.224 5,5 0.216 5,3 0.126 3,2 0.091 2,31 XGL5030 ≥0.90 µH 0.224 5,5 0.216 5,3 0.122 3,1 0.091 2,31 XGL5050 0.224 5,5 0.216 5,3 0.201 5,1 0.091 2,31 XGL6030 0.272 6,91 0.264 6,71 0.122 3,1 0.110 2,79 XGL6060 0.272 6,91 0.264 6,71 0.240 6,1 0.110 2,79 C D A B XGL35xxxx NEW! XGL5050 Ultra-Low DCR I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) typ max (MHz) 30%drop rise rise XGL5050-161MEC 0.16 1.2 1.5 155 32.0 20.5 26.0 XGL5050-331MEC 0.33 1.6 2.0 100 23.5 19.0 24.6 XGL5050-501MEC 0.50 2.2 2.7 90 19.0 17.8 24.2 XGL5050-561MEC 0.56 2.5 3.0 88 18.0 17.6 24.0 XGL5050-721MEC 0.72 2.7 3.3 70 16.8 17.2 23.5 XGL5050-821MEC 0.82 2.9 3.5 70 15.5 16.6 22.9 XGL5050-102MEC 1.0 3.2 3.9 60 15.4 15.7 21.0 XGL5050-122MEC 1.2 3.8 4.6 50 15.1 14.8 20.1 XGL5050-152MEC 1.5 4.7 5.7 45 13.1 12.8 17.1 XGL5050-182MEC 1.8 6.5 7.8 40 11.1 11.1 15.3 XGL5050-222MEC 2.2 6.8 8.2 37 10.7 10.2 13.8 XGL5050-282MEC 2.8 8.5 9.8 33 9.8 9.1 12.4 XGL5050-332MEC 3.3 10.0 11.5 30 8.6 8.1 11.3 XGL5050-472MEC 4.7 13.9 16.0 25 7.0 7.1 9.7 XGL5050-562MEC 5.6 17.9 19.7 22 6.4 5.8 8.0 XGL5050-682MEC 6.8 21.0 23.1 21 6.2 5.5 7.5 XGL5050-822MEC 8.2 24.9 27.5 18 5.5 5.2 7.0 XGL5050-103MEC 10.0 30.5 33.6 17 4.9 4.6 6.2 XGL5050-123MEC 12.0 39.1 43.0 15 4.3 3.8 5.1 XGL5050-153MEC 15.0 49.8 54.9 13 3.9 3.4 4.6 XGL5050-183MEC 18.0 56.5 62.5 12 3.7 3.3 4.5 XGL5050-223MEC 22.0 72.1 79.5 11 3.3 3.0 4.0 XGL5050-333MEC 33.0 107.0 118.0 8 2.5 2.4 3.2 NEW! XGL5030 Ultra-Low DCR I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) typ max (MHz) 30%drop rise rise XGL5030-181MEC 0.18 1.3 1.6 160 30.0 24.4 31.8 XGL5030-351MEC 0.35 1.8 2.2 100 24.5 22.8 30.6 XGL5030-401MEC 0.40 2.2 2.7 88 23.0 19.3 25.1 XGL5030-521MEC 0.52 2.5 3.0 80 20.5 18.9 25.0 XGL5030-601MEC 0.60 2.6 3.2 75 18.7 17.6 23.0 XGL5030-651MEC 0.65 3.3 4.0 68 17.9 15.7 21.2 XGL5030-821MEC 0.82 3.8 4.6 56 16.7 15.3 21.1 XGL5030-901MEC 0.90 4.3 5.2 54 14.5 14.4 19.7 XGL5030-102MEC 1.00 4.8 5.8 52 14.0 12.8 17.8 XGL5030-122MEC 1.2 5.0 6.0 47 13.0 12.3 16.8 XGL5030-152MEC 1.5 6.8 7.9 43 12.2 11.6 15.4 XGL5030-182MEC 1.8 7.5 8.7 37 10.6 10.3 14.1 XGL5030-222MEC 2.2 9.2 10.6 34 9.4 9.6 12.9 XGL5030-332MEC 3.3 13.3 14.9 28 8.4 7.2 10.0 XGL5030-472MEC 4.7 21.9 24.5 23 6.7 6.3 8.5 XGL5030-562MEC 5.6 24.1 27.0 21 6.0 5.9 7.9 XGL5030-682MEC 6.8 28.6 32.1 18 5.5 5.4 7.3 XGL5030-822MEC 8.2 36.5 41.0 17 5.0 4.8 6.4 XGL5030-103MEC 10 43.0 48.4 15 4.5 4.3 5.7 XGL5030-123MEC 12 50.0 56.5 14 4.0 4.0 5.4 XGL5030-153MEC 15 68.8 77.1 12 3.6 3.4 4.5 XGL5030-183MEC 18 87.2 97.7 11 3.3 2.9 4.0 XGL5030-223MEC 22 106.0 118.8 10 3.0 2.6 3.6 NEW! XGL6030 Ultra-Low DCR I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) typ max (MHz) 30%drop rise rise XGL6030-181MEC 0.18 1.0 1.2 140 43.0 25.3 34.7 XGL6030-221MEC 0.22 1.2 1.5 130 39.0 23.0 32.0 XGL6030-381MEC 0.38 2.0 2.4 72 29.0 19.8 28.0 XGL6030-471MEC 0.47 2.2 2.7 66 26.5 18.1 25.0 XGL6030-681MEC 0.68 2.9 3.5 52 22.0 15.8 22.5 XGL6030-821MEC 0.82 3.4 4.0 50 21.0 14.9 21.0 XGL6030-102MEC 1.0 4.2 4.9 42 17.7 13.0 18.1 XGL6030-122MEC 1.2 4.6 5.4 42 17.3 12.0 16.5 XGL6030-152MEC 1.5 6.2 7.3 35 14.5 10.4 15.0 XGL6030-182MEC 1.8 7.5 8.9 33 13.0 9.5 13.0 XGL6030-222MEC 2.2 8.7 10.3 28 12.2 8.5 12.0 XGL6030-332MEC 3.3 13.1 15.4 25 10.4 7.6 10.5 XGL6030-472MEC 4.7 17.5 21.0 19 8.6 7.2 10.0 XGL6030-562MEC 5.6 20.5 24.1 18 8.2 6.5 8.8 XGL6030-682MEC 6.8 25.1 29.5 16 7.3 6.0 8.2 XGL6030-822MEC 8.2 35.0 40.0 14 6.5 5.1 7.1 XGL6030-103MEC 10 38.0 44.0 13 6.2 5.0 7.0 XGL6030-123MEC 12 46.0 53.0 12 5.5 4.4 6.0 XGL6030-153MEC 15 62.1 72.0 10 4.6 3.9 5.2 XGL6030-183MEC 18 69.6 80.0 9.5 4.4 3.4 4.7 NEW! XGL6060 Ultra-Low DCR I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) typ max (MHz) 30%drop rise rise XGL6060-221MEC 0.22 1.1 1.3 125 38.0 22.0 29.0 XGL6060-471MEC 0.47 1.5 1.8 75 29.5 20.0 26.0 XGL6060-681MEC 0.68 2.0 2.3 60 26.5 17.4 22.7 XGL6060-102MEC 1.0 2.5 2.9 46 23.0 16.4 22.0 XGL6060-122MEC 1.2 2.9 3.4 41 20.5 16.0 21.5 XGL6060-152MEC 1.5 3.3 3.8 41 18.3 15.3 20.2 XGL6060-182MEC 1.8 3.8 4.3 35 16.9 14.6 19.7 XGL6060-222MEC 2.2 4.3 4.8 30 16.0 12.5 17.2 XGL6060-332MEC 3.3 5.9 6.5 24 13.4 12.1 16.6 XGL6060-472MEC 4.7 9.1 10.1 19 10.2 9.8 13.5 XGL6060-562MEC 5.6 10.6 11.7 17 9.6 9.1 12.6 XGL6060-682MEC 6.8 12.7 14.0 16 8.9 8.5 11.5 XGL6060-822MEC 8.2 15.2 16.8 14 8.1 7.4 10.1 XGL6060-103MEC 10 18.5 20.4 14 7.3 6.6 9.1 XGL6060-123MEC 12 22.0 24.2 13 6.7 6.1 8.3 XGL6060-153MEC 15 28.2 31.1 11 5.8 5.4 7.4 XGL6060-183MEC 18 33.9 37.3 10 5.5 4.7 6.4 XGL6060-223MEC 22 42.6 46.9 9 5.1 4.2 5.8 XGL6060-333MEC 33 63.1 69.5 7 4.0 3.6 4.9 XGL6060-473MEC 47 97.0 107 6 3.2 2.7 3.7 NEW! |