| Moteur de recherche de fiches techniques de composants électroniques |
|
C310 Fiches technique(PDF) 23 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C310 Fiches technique(HTML) 23 Page - Coilcraft lnc. |
|
23 / 60 page ![]() www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 23 XEL4020 Shielded * I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) typ max (MHz) 30%drop rise rise XEL4020-800MEC 0.08 1.50 1.80 305 33.2 15.5 21.4 XEL4020-101MEC 0.10 2.04 2.50 280 28.5 14.6 19.9 XEL4020-201MEC 0.20 3.04 3.35 180 19.7 14.0 17.2 XEL4020-331MEC 0.33 5.18 5.70 124 15.7 11.9 15.4 XEL4020-561MEC 0.56 8.00 8.80 90 11.3 9.9 13.8 XEL4020-821MEC 0.82 11.80 13.00 69 10.2 8.1 11.5 XEL4020-102MEC 1.0 13.25 14.60 68 9.0 6.7 9.6 XEL4020-122MEC 1.2 17.75 19.50 59 8.1 6.6 9.0 XEL4020-152MEC 1.5 21.45 23.60 54 7.4 5.2 7.5 XEL4020-222MEC 2.2 35.20 38.70 41 5.9 4.0 5.5 XEL4012/4014 Shielded * I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber (µH) typ max (MHz) 30%drop rise rise XEL4012-920NEC 0.092±30% 5.2 5.7 279 24.0 11.5 16.5 XEL4012-221NEC 0.220±30% 9.7 10.6 146 16.0 6.5 9.0 XEL4014-221MEC 0.220±20% 7.5 9.5 150 18.2 9.0 12.0 XEL4014-331MEC 0.330±20% 9.9 12.0 110 14.6 6.5 9.0 XEL4014-561MEC 0.560±20% 16.5 18.4 80 11.6 5.5 7.5 XEL4014-781MEC 0.780±20% 20.3 22.8 70 9.8 5.0 6.5 XEL4030 Shielded * I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) nom max (MHz) 30%drop rise rise XEL4030-101MEC 0.10 1.50 1.80 240 30.0 20.4 25.8 XEL4030-201MEC 0.20 2.15 2.40 155 22.0 17.0 21.6 XEL4030-301MEC 0.30 2.80 3.10 115 19.0 14.9 18.9 XEL4030-471MEC 0.47 4.10 4.60 95 15.5 12.3 15.6 XEL4030-641MEC 0.64 5.30 5.90 80 13.5 10.9 13.7 XEL4030-901MEC 0.90 8.00 8.80 68 10.0 8.8 11.2 XEL4030-102MEC 1.0 8.89 9.78 65 9.0 8.4 10.7 XEL4030-122MEC 1.2 10.4 11.5 60 8.7 7.8 9.8 XEL4030-152MEC 1.5 15.1 16.6 58 8.5 6.4 8.1 XEL4030-222MEC 2.2 20.1 22.1 40 6.1 5.8 7.8 XEL4030-332MEC 3.3 26.1 28.6 35 5.9 5.0 6.6 XEL4030-472MEC 4.7 40.0 44.1 30 4.6 3.9 5.1 XEL4030-682MEC 6.8 67.4 74.1 20 3.6 3.0 3.9 XEL6030 Shielded I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) nom max (MHz) 30%drop rise rise XEL6030-151MEC 0.15 1.35 1.49 147 45.0 23.6 33.3 XEL6030-281MEC 0.28 2.10 2.35 97 38.0 18.9 26.7 XEL6030-471MEC 0.47 3.01 3.31 63 28.0 15.8 22.3 XEL6030-821MEC 0.82 5.09 5.60 52 21.0 12.1 16.0 XEL6030-102MEC 1.0 6.32 6.95 43 18.0 12.0 16.0 XEL6030-152MEC 1.5 9.57 10.52 34 15.0 10.0 14.0 XEL6030-222MEC 2.2 12.70 13.97 30 13.0 7.0 10.0 XEL6030-332MEC 3.3 19.92 20.81 26 10.5 6.0 8.0 XEL6060 Shielded I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) nom max (MHz) 30%drop rise rise XEL6060-331MEC 0.33 1.98 2.20 79 30.0 23.6 31.8 XEL6060-561MEC 0.56 2.60 2.90 59 23.0 20.6 27.7 XEL6060-821MEC 0.82 3.03 3.33 52 20.0 19.1 25.7 XEL6060-102MEC 1.0 3.70 4.07 47 20.0 17.2 23.2 XEL6060-152MEC 1.5 4.28 4.71 41 19.0 16.0 21.6 XEL6060-222MEC 2.2 6.10 6.70 33 16.0 13.4 18.1 XEL6060-272MEC 2.7 6.94 7.63 26 13.8 12.6 17.0 XEL6060-472MEC 4.7 13.65 15.02 23 11.4 9.0 12.1 XEL6060-682MEC 6.8 20.82 22.90 16 7.9 7.3 9.8 XEL6060-822MEC 8.2 22.71 24.98 15 7.6 7.0 9.4 XEL6060-123MEC 12 36.66 40.33 12 5.8 5.5 7.4 XEL5020 Shielded I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) typ max (MHz) 30%drop rise rise XEL5020-101MEC 0.10 1.90 2.20 209 39.0 19.0 25.0 XEL5020-221MEC 0.22 3.50 4.05 129 28.0 17.0 21.0 XEL5020-381MEC 0.38 4.80 5.50 89 22.0 12.0 15.0 XEL5020-681MEC 0.68 8.90 10.25 65 16.3 8.6 12.0 XEL5020-901MEC 0.90 10.90 12.53 57 13.9 8.4 10.0 XEL5020-102MEC 1.0 12.60 14.50 53 12.4 7.4 9.6 C D A B Dimensions (inches mm) Series A max B max C max D XEL3515 0.144 3,65 0.132 3,35 0.059 1,5 0.045 1,14 XEL3520 0.144 3,65 0.132 3,35 0.079 2,5 0.045 1,14 XEL3530 0.144 3,65 0.132 3,35 0.118 3,0 0.045 1,14 XEL4012 0.169 4,3 0.169 4,3 0.047 1,20 0.062 1,57 XEL4014 0.169 4,3 0.169 4,3 0.055 1,40 0.062 1,57 XEL4020 0.169 4,3 0.169 4,3 0.083 2,10 0.062 1,57 XEL4030 ≤0.30 µH 0.169 4,3 0.169 4,3 0.126 3,20 0.062 1,57 XEL4030 ≥0.47 µH 0.169 4,3 0.169 4,3 0.122 3,10 0.062 1,57 XEL5020 ≤0.10 µH 0.224 5,68 0.216 5,48 0.0866 2,20 0.091 2,31 XEL5020 ≥0.22 µH 0.224 5,68 0.216 5,48 0.0826 2,10 0.091 2,31 XEL5030 ≤0.60 µH 0.224 5,68 0.216 5,48 0.126 3,20 0.091 2,31 XEL5030 ≥1.20 µH 0.224 5,68 0.216 5,48 0.122 3,10 0.091 2,31 XEL5050 ≤1.20 µH 0.224 5,68 0.216 5,48 0.209 5,30 0.091 2,31 XEL5050 ≥1.8 µH 0.224 5,68 0.216 5,48 0.205 5,20 0.091 2,31 XEL5050 ≤3.3 µH 0.224 5,68 0.216 5,48 0.201 5,10 0.091 2,31 XEL6030 ≥3.3 µH 0.266 6,76 0.258 6,56 0.122 3,10 0.122 3,10 XEL6060 0.266 6,76 0.258 6,56 0.240 6,10 0.120 3,04 XFL3010 0.126 3,2 0.126 3,2 0.043 1,10 0.050 1,26 XFL3012 0.126 3,2 0.126 3,2 0.051 1,30 0.050 1,26 XFL4012 0.169 4,3 0.169 4,3 0.047 1,20 0.063 1,6 XFL4015 0.169 4,3 0.169 4,3 0.063 1,60 0.063 1,6 XFL4020 0.169 4,3 0.169 4,3 0.083 2,10 0.063 1,6 XFL4030 0.169 4,3 0.169 4,3 0.122 3,10 0.063 1,6 XFL5015 0.216 5,48 0.224 5,68 0.059 1,50 0.091 2,31 XFL5018 0.216 5,48 0.224 5,68 0.071 1,80 0.091 2,31 XFL5030 0.216 5,48 0.224 5,68 0.122 3,10 0.091 2,31 XFL6012 0.266 6,76 0.258 6,56 0.047 1,20 0.110 2,8 XFL7015 0.315 8,0 0.315 8,0 0.059 1,50 0.123 3,12 XEL5030 Shielded I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) typ max (MHz) 30%drop rise rise XEL5030-131MEC 0.13 1.53 1.83 187 44.0 25.0 35.0 XEL5030-261MEC 0.26 2.16 2.60 117 31.0 22.5 30.5 XEL5030-421MEC 0.42 3.00 3.60 84 23.5 18.0 25.0 XEL5030-601MEC 0.60 4.44 5.33 64 22.0 15.6 21.4 XEL5030-102MEC 1.0 7.00 8.40 51 16.9 11.4 15.4 XEL5030-122MEC 1.2 8.80 10.5 49 15.3 10.4 14.4 XEL5030-152MEC 1.5 9.90 11.9 45 15.0 8.6 12.2 XEL5030-222MEC 2.2 13.2 14.5 36 10.5 7.2 9.7 XEL5030-332MEC 3.3 21.2 23.3 28 8.40 5.9 8.1 XEL5030-472MEC 4.7 36.0 40.0 23 6.70 4.3 5.9 XEL5050 High Current I rms(A) Inductance DCR(mOhms) SRFtyp I sat(A) 20°C 40°C Partnumber ±20%(µH) nom max (MHz) 30%drop rise rise XEL5050-141MEC 0.14 1.48 1.78 189 39.0 24.6 35.1 XEL5050-281MEC 0.28 2.20 2.64 117 28.0 22.2 30.1 XEL5050-471MEC 0.47 3.00 3.60 78 21.0 18.8 26.0 XEL5050-681MEC 0.68 3.79 4.55 68 18.2 15.8 22.0 XEL5050-901MEC 0.90 4.67 5.60 60 17.2 14.3 19.6 XEL5050-122MEC 1.2 5.40 6.48 51 15.2 12.8 17.3 XEL5050-182MEC 1.8 7.78 9.34 43 12.8 10.5 14.4 XEL5050-222MEC 2.2 10.36 12.4 38 9.5 9.0 12.1 XEL5050-332MEC 3.3 13.30 14.6 31 8.4 7.8 10.6 XEL5050-472MEC 4.7 19.60 21.5 24 7.4 5.9 8.1 XEL5050-562MEC 5.6 22.60 24.8 23 6.6 5.5 7.6 XEL5050-682MEC 6.8 26.75 29.5 21 6.0 4.7 6.4 XEL5050-822MEC 8.2 31.75 34.9 18 5.6 4.5 6.1 XEL5050-103MEC 10.0 40.90 45.0 15 4.9 3.6 4.9 XEL5050-153MEC 15.0 69.70 76.7 13 3.7 2.9 3.9 XEL5050-223MEC 22.0 90.60 99.7 11 3.6 2.5 3.4 NEW! *High-voltage version available. Visit https://www.coilcraft.com. |