| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT86VL34 Fiches technique(PDF) 79 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL34 Fiches technique(HTML) 79 Page - Exar Corporation |
|
79 / 156 page ![]() XRT86VL34 74 REV. V1.2.0 QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION TABLE 54: RECEIVE USER CODE REGISTER 0-23 (RUCR 0-23) HEX ADDRESS: 0Xn380 TO 0XN397 BIT FUNCTION TYPE DEFAULT DESCRIPTION-OPERATION 7-0 RxUSER[7:0] R/W 11111111 Receive Programmable User code. These eight bits allow users to program any code in this register to replace the received data when the Receive Channel Control Regis- ter (RCCR) is configured to replace timeslot octet with the receive programmable user code. (i.e. if RCCR is set to ‘0x4’) |