Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT86VL34 Fiches technique(PDF) 27 Page - Exar Corporation

No de pièce XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Fiches technique(HTML) 27 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 23Page - Exar Corporation XRT86VL34 Datasheet HTML 24Page - Exar Corporation XRT86VL34 Datasheet HTML 25Page - Exar Corporation XRT86VL34 Datasheet HTML 26Page - Exar Corporation XRT86VL34 Datasheet HTML 27Page - Exar Corporation XRT86VL34 Datasheet HTML 28Page - Exar Corporation XRT86VL34 Datasheet HTML 29Page - Exar Corporation XRT86VL34 Datasheet HTML 30Page - Exar Corporation XRT86VL34 Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 156 page
background image
XRT86VL34
22
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
1
CRC-6 Bits Source
Select
R/W
0
CRC-6 Bits Source Select
This bit permits the user to specify the source of the CRC-6 bits,
within the outbound T1 data-stream, as depicted below.
0 - Configures the Transmit T1 Framer block to internally compute
and insert the CRC-6 bits within the outbound T1 data-stream.
1 - Configures the Transmit T1 Framer block to externally accept
data from the TxSer_n input pin, and to insert this data into the CRC-
6 bits within the outbound T1 data-stream.
This bit is ignored if CRC Multiframe Alignment is disabled
0
Framing Bits Source
Select
R/W
0
Framing Bits Source Select
This bit is used to specify the source for the Framing bits that will be
inserted into the outbound T1 frames. The Framing bits can be gen-
erated internally or inserted from the transmit serial input pin.
(TxSER_n input pin)
0 = Configures the Transmit T1 Framer block to internally generate
and insert the Framing bits into the outbound T1 data stream.
1 = Configures the Transmit T1 Framer block to externally accept
framing bits from the TxSer_n input pin, and to insert this data to the
outbound T1 data-stream.
TABLE 8: SYNCHRONIZATION MUX REGISTER (SMR)
HEX ADDRESS: 0Xn109
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More