| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT86VL34 Fiches technique(PDF) 74 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT86VL34 Fiches technique(HTML) 74 Page - Exar Corporation |
|
74 / 156 page ![]() XRT86VL34 69 QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION REV. V1.2.0 TABLE 51: TRANSMIT USER CODE REGISTER 0-23 (TUCR 0-23) HEX ADDRESS: 0Xn320 TO 0Xn337 BIT FUNCTION TYPE DEFAULT DESCRIPTION-OPERATION 7-0 TUCR[7:0] R/W b00010111 Transmit Programmable User code. These eight bits allow users to program any code in this register to replace the input PCM data when the Transmit Channel Control Register (TCCR) is configured to replace timeslot octet with pro- grammable user code. (i.e. if TCCR is set to ‘0x4’) The default value of this register is an IDLE Code (b00010111). |