Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT86VL34 Fiches technique(PDF) 71 Page - Exar Corporation

No de pièce XRT86VL34
Description  QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL34 Fiches technique(HTML) 71 Page - Exar Corporation

Back Button XRT86VL34 Datasheet HTML 67Page - Exar Corporation XRT86VL34 Datasheet HTML 68Page - Exar Corporation XRT86VL34 Datasheet HTML 69Page - Exar Corporation XRT86VL34 Datasheet HTML 70Page - Exar Corporation XRT86VL34 Datasheet HTML 71Page - Exar Corporation XRT86VL34 Datasheet HTML 72Page - Exar Corporation XRT86VL34 Datasheet HTML 73Page - Exar Corporation XRT86VL34 Datasheet HTML 74Page - Exar Corporation XRT86VL34 Datasheet HTML 75Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 156 page
background image
XRT86VL34
66
REV. V1.2.0
QUAD T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 48: DEVICE ID REGISTER (DEVID)
HEX ADDRESS: 0XN1FE
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
DEVID[7:0]
RO
0x3A
DEVID
This register is used to identify the XRT86VL34 Framer/LIU. The
value of this register is 0x3Ah.
TABLE 49: REVISION ID REGISTER (REVID)
HEX ADDRESS: 0XN1FF
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
REVID[7:0]
RO
00000001 REVID
This register is used to identify the revision number of the XRT86VL34.
The value of this register for the first revision is A - 0x01h.
NOTE: The content of this register is subject to change when a newer
revision of the device is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More