Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR4102 Fiches technique(PDF) 13 Page - LSI Computer Systems

No de pièce LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Fiches technique(HTML) 13 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 9Page - LSI Computer Systems LR4102 Datasheet HTML 10Page - LSI Computer Systems LR4102 Datasheet HTML 11Page - LSI Computer Systems LR4102 Datasheet HTML 12Page - LSI Computer Systems LR4102 Datasheet HTML 13Page - LSI Computer Systems LR4102 Datasheet HTML 14Page - LSI Computer Systems LR4102 Datasheet HTML 15Page - LSI Computer Systems LR4102 Datasheet HTML 16Page - LSI Computer Systems LR4102 Datasheet HTML 17Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TinyRISC LR4102 Microprocessor
13
Signal Descriptions
The signals are described in alphabetical order by mnemonic. Each
signal definition contains the mnemonic and the full signal name.
Mnemonics for signals that are active LOW end in an “N”, and
mnemonics for signals that are active HIGH end in a “P.” In the
descriptions that follow, the verb
assert means to drive active. The verb
deassert means to drive inactive.
The LR4102 signals are divided into the following groups:
• Control Signals
• Clocking Interface
• Timer Interface
• SerialICE-1 Interface
• EJTAG Interface and JTAG boundary scan signals
• PC Trace Output
• FBus Interface
• Test Interface
• Power Lines
Table 5 lists all of the LR4102 signals, grouped by interface.
Table 5
LR4102 Signal List
Signal Group
Mnemonic Name
Functional Description
I/O
Control Signals
RESETN
Asynchronous system reset
Input
BIG_ENDIANP
Big/Little Endian select
Input
CWAITIP
Wait for interrupt (low power mode)
Output
INTP[5:0]
Condition/Interrupt
Input
DEBUGMP
Debug mode
Output
(Sheet 1 of 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32