Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR4102 Fiches technique(PDF) 29 Page - LSI Computer Systems

No de pièce LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Fiches technique(HTML) 29 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 24Page - LSI Computer Systems LR4102 Datasheet HTML 25Page - LSI Computer Systems LR4102 Datasheet HTML 26Page - LSI Computer Systems LR4102 Datasheet HTML 27Page - LSI Computer Systems LR4102 Datasheet HTML 28Page - LSI Computer Systems LR4102 Datasheet HTML 29Page - LSI Computer Systems LR4102 Datasheet HTML 30Page - LSI Computer Systems LR4102 Datasheet HTML 31Page - LSI Computer Systems LR4102 Datasheet HTML 32Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
TinyRISC LR4102 Microprocessor
29
Package and Ordering Information
The LR4102 is available in a 256-lead Plastic Ball Grid Array (PBGA).
Table 21 provides the LR4102 order number and Figure 10 contains the
package mechanical drawing.
Figure 10
LR4102 256 PBGA (IF) Mechanical Drawing
Table 21
LR4102 Ordering Information
Order Number
Clock Frequency
Package Type
Operating Range
L9A02121
1. Order number subject to change
85 MHz
256-lead PBGA
Commercial
MD98.IF
Important:
This drawing may not be the latest version. For board layout and manufacturing, obtain the
most recent engineering drawings from your LSI Logic marketing representative by
requesting the outline drawing for package code IF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32