Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR4102 Fiches technique(PDF) 25 Page - LSI Computer Systems

No de pièce LR4102
Description  Microprocessor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LSI [LSI Computer Systems]
Site Internet  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LR4102 Fiches technique(HTML) 25 Page - LSI Computer Systems

Back Button LR4102 Datasheet HTML 21Page - LSI Computer Systems LR4102 Datasheet HTML 22Page - LSI Computer Systems LR4102 Datasheet HTML 23Page - LSI Computer Systems LR4102 Datasheet HTML 24Page - LSI Computer Systems LR4102 Datasheet HTML 25Page - LSI Computer Systems LR4102 Datasheet HTML 26Page - LSI Computer Systems LR4102 Datasheet HTML 27Page - LSI Computer Systems LR4102 Datasheet HTML 28Page - LSI Computer Systems LR4102 Datasheet HTML 29Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
TinyRISC LR4102 Microprocessor
25
Pinouts
Table 19 provides an alphabetical pinout list for the LR4102 256-pin
PBGA.
Table 19
LR4102 256-pin PBGA Pinout
BIG_ENDIANP
E18
CBEN0
A20
CBEN1
F18
CBEN2
Y9
CBEN3
W5
CWAITIP1
D10
CSHTSTP
B18
DCLK
T1
DEBUGMP
P4
DEVSELN
Y11
DIVA0
G17
DIVA1
K17
DIVC0
K18
DIVC1
L18
EXTAL
B16
FADDRP0
K20
FADDRP1
K19
FADDRP2
L20
FADDRP3
L19
FADDRP4
M20
FADDRP5
M19
FADDRP6
N20
FADDRP7
N19
FADDRP8
P20
FADDRP9
P19
FADDRP10
R20
FADDRP11
R19
FADDRP12
T20
FADDRP13
T19
FADDRP14
U20
FADDRP15
U19
FADDRP16
V20
FADDRP17
V19
FADDRP18
W20
FADDRP19
Y20
FADDRP20
W19
FADDRP21
Y19
FADDRP22
V18
FADDRP23
Y18
FADDRP24
W18
FADDRP25
Y17
FADDRP26
W17
FADDRP27
Y16
FADDRP28
W16
FADP0
B19
FADP1
B20
FADP2
C19
FADP3
C20
FADP4
D19
FADP5
D20
FADP6
E19
FADP7
E20
FADP8
F20
FADP9
F19
FADP10
G20
FADP11
G19
FADP12
H20
FADP13
H19
FADP14
J20
FADP15
J19
FADP16
W9
FADP17
Y8
FADP18
W8
FADP19
Y7
FADP20
W7
FADP21
Y6
FADP22
W6
FADP23
Y5
FADP24
Y4
FADP25
W4
FADP26
Y3
FADP27
W3
FADP28
Y2
FADP29
W2
FADP30
Y1
FADP31
W1
FALEP
Y13
FRAMEN
W10
GNTN
V2
GP0
V15
GP1
U14
GP2
V14
GP3
V13
GP4
U7
GP5
V6
GPIO0
T18
GPIO1
V16
GPIO2
V5
GPIO3
V3
GPRDN
U9
GPWEN0
V10
GPWEN1
V9
GPWEN2
V8
GPWEN3
V7
ICECLKP
A8
ICERXP
B9
ICETXP
A9
IDDTN
D12
INTP0
A13
INTP1
B13
INTP2
C13
INTP3
A12
INTP4
A11
INTP5
A10
IRDYN
Y10
JTAGALSOP
C9
PBCLKP
Y12
PCST10
T3
PCST11
R3
PCST12
P3
PLLENARSTP
G18
PLLENP
H18
PLLVDD1
A17
PLLVSS1
A18
PMON_OUTP
B11
REQN
V1
RESET_OUTN
A14
RESETN
A15
SCAN_ENABLEP
C17
SCAN_INP
J18
SCAN_MODEP
C14
SCAN_OUTP
B17
SCAN_RAMWEP
D16
SD_CASN0_DMP0
N18
SD_CASN1_DMP1
P17
SD_CASN2_DMP2
Y14
SD_CASN3_DMP3
W14
SD_OEN_CASN
M18
SD_RASN
R18
SD_RASN0_CSN0
P18
SD_RASN1_CSN1
W15
SD_WEN_WEN
M17
SDCLKP
Y15
SDONEP
W13
SELECT_CKOUT1N
B14
SELECT_PLLN
B15
STOPN
W12
T0_OUTN
C10
T1_OUTN
B10
TCK
U1
TDI_DINT
T2
TDO_TPC
R2
TMS
U2
TN
C11
TPC2
R1
TPC3
P2
TPC4
P1
TRDYN
W11
TRST
N3
VDD
D14
VDD2
L3
VDD2
L4
VDD2
T4
VDD2
U3
VDD2
V11
VDD2
U11
VDD2
U16
VDD2
V17
VDD2
J 17
VDD2
E17
VDD2
D18
VDD2
D5
VDD2
C4
VDD4
D6
VDD4
D11
VDD4
D15
VDD4
F4
VDD4
F17
VDD4
K4
VDD4
L17
VDD4
R4
VDD4
R17
VDD4
U6
VDD4
U10
VDD4
U15
VSS
A1
VSS
C15
VSS
C16
VSS2
D3
VSS2
E4
VSS2
M3
VSS2
M4
VSS2
V4
VSS2
U5
VSS2
V12
VSS2
U12
VSS2
U18
VSS2
T17
VSS2
C18
VSS2
A19
VSS2
D9
VSS4
D4
VSS4
D8
VSS4
D13
VSS4
D17
VSS4
H4
VSS4
H17
VSS4
N4
VSS4
N17
VSS4
U4
VSS4
U8
VSS4
U13
VSS4
U17
XTAL
A16
Signal
Solder
Name
Ball
Signal
Solder
Name
Ball
Signal
Solder
Name
Ball
Signal
Solder
Name
Ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32