| Moteur de recherche de fiches techniques de composants électroniques |
|
AS621X Fiches technique(PDF) 17 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS621X Fiches technique(HTML) 17 Page - OSRAM GmbH |
|
17 / 37 page ![]() Document Feedback AS621x Register Description Datasheet • PUBLIC DS000677 • v4-00 • 2022-May-17 36 │ 16 Figure 19: Alert Output Functionality 6.2.6 Polarity Bit The polarity bit configures the polarity of the ALERT output. If the polarity bit is cleared, the ALERT output is low active while it becomes high active if the polarity bit is set to ‘1’. Figure 20: Polarity Bit Configuration Polarity Bit ALERT Output 0 Active low 1 Active high |