| Moteur de recherche de fiches techniques de composants électroniques |
|
AS621X Fiches technique(PDF) 7 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS621X Fiches technique(HTML) 7 Page - OSRAM GmbH |
|
7 / 37 page ![]() Document Feedback AS621x Pin Assignment Datasheet • PUBLIC DS000677 • v4-00 • 2022-May-17 36 │ 6 3 Pin Assignment 3.1 Pin Diagram Figure 4: Pin Assignment WLCSP In Figure 4 the pin assignment of the WLCSP package is shown. The viewing side is from the top. The A1 pin is also marked with a point on the top side 3.2 Pin Description Figure 5: Pin Description of AS621x (WLCSP) Pin Number Pin Name Pin Type(1) Description A1 VSS S Ground Pin A2 ALERT/ADD1 DIO_SOD Alert output and address select1 |