Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2771 Fiches technique(PDF) 41 Page - OSRAM GmbH

No de pièce TSL2771
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2771 Fiches technique(HTML) 41 Page - OSRAM GmbH

Back Button TSL2771 Datasheet HTML 37Page - OSRAM GmbH TSL2771 Datasheet HTML 38Page - OSRAM GmbH TSL2771 Datasheet HTML 39Page - OSRAM GmbH TSL2771 Datasheet HTML 40Page - OSRAM GmbH TSL2771 Datasheet HTML 41Page - OSRAM GmbH TSL2771 Datasheet HTML 42Page - OSRAM GmbH TSL2771 Datasheet HTML 43Page - OSRAM GmbH TSL2771 Datasheet HTML 44Page - OSRAM GmbH TSL2771 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
Page 40
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − Application Information Hardware
PCB Pad Layouts
Suggested PCB pad layout guidelines for the Dual Flat No-Lead
(FN) surface mount package are shown in Figure 45.
Note(s): Pads can be extended further if hand soldering is
needed.
Figure 45:
Suggested FN Package PCB Layout
Note(s):
1. All linear dimensions are in micrometers.
2. This drawing is subject to change without notice.
400
2500
400
1000
1700
650
1000
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51