Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2771 Fiches technique(PDF) 37 Page - OSRAM GmbH

No de pièce TSL2771
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2771 Fiches technique(HTML) 37 Page - OSRAM GmbH

Back Button TSL2771 Datasheet HTML 33Page - OSRAM GmbH TSL2771 Datasheet HTML 34Page - OSRAM GmbH TSL2771 Datasheet HTML 35Page - OSRAM GmbH TSL2771 Datasheet HTML 36Page - OSRAM GmbH TSL2771 Datasheet HTML 37Page - OSRAM GmbH TSL2771 Datasheet HTML 38Page - OSRAM GmbH TSL2771 Datasheet HTML 39Page - OSRAM GmbH TSL2771 Datasheet HTML 40Page - OSRAM GmbH TSL2771 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − Register Set
ID Register (0x12)
The ID Register provides the value for the part number. The ID
register is a read-only register.
Figure 39:
ID Register
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 40:
Status Register
76
5
4
3
2
1
0
ID
Field
Bits
Description
ID
7:0
Part number identification
0x00 = TSL27711 & TSL27715
0x09 = TSL27713 & TSL27717
76
5
4
3
2
1
0
Reserved
PINT
AINT
Reserved
AVALID
Field
Bit
Description
Reserved
7:6
Reserved.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity
interrupt.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS interrupt.
Reserved
3:1
Reserved.
AVALID
0
ALS Valid. Indicates that the ALS channel has completed an
integration cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51