Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2771 Fiches technique(PDF) 35 Page - OSRAM GmbH

No de pièce TSL2771
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2771 Fiches technique(HTML) 35 Page - OSRAM GmbH

Back Button TSL2771 Datasheet HTML 31Page - OSRAM GmbH TSL2771 Datasheet HTML 32Page - OSRAM GmbH TSL2771 Datasheet HTML 33Page - OSRAM GmbH TSL2771 Datasheet HTML 34Page - OSRAM GmbH TSL2771 Datasheet HTML 35Page - OSRAM GmbH TSL2771 Datasheet HTML 36Page - OSRAM GmbH TSL2771 Datasheet HTML 37Page - OSRAM GmbH TSL2771 Datasheet HTML 38Page - OSRAM GmbH TSL2771 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2016-Mar-22
TSL2771 − Register Set
Configuration Register (0x0D)
The configuration register sets the wait long time.
Figure 36:
Configuration Register
Proximity Pulse Count Register (0x0E)
The proximity pulse count register sets the number of proximity
pulses that will be transmitted. When proximity detection is
enabled, a proximity detect cycle occurs after each ALS cycle.
PPULSE defines the number of pulses to be transmitted at a
62.5-kHz rate.
Note(s): The ATIME register will be used to time the interval
between proximity detection events even if the ALS function is
disabled.
Figure 37:
Proximity Pulse Count Register
76
5
4
3
2
1
0
Reserved
WLONG
Reserved
Field
Bits
Description
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12x from that
programmed in the WTIME register.
Reserved
0
Reserved. Write as 0.
76
5
4
3
2
1
0
PPULSE
Field
Bits
Description
PPULSE
7:0
Proximity Pulse Count. Specifies the number of proximity pulses to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51