| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2771 Fiches technique(PDF) 32 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2771 Fiches technique(HTML) 32 Page - OSRAM GmbH |
|
32 / 51 page ![]() ams Datasheet Page 31 [v1-00] 2016-Mar-22 Document Feedback TSL2771 − Register Set Proximity Interrupt Threshold Registers (0x08 - 0x0B) The proximity interrupt threshold registers provide the values to be used as the high and low trigger points for the comparison function for interrupt generation. If the value generated by proximity channel crosses below the lower threshold specified, or above the higher threshold, an interrupt is signaled to the host processor. Figure 34: Proximity Interrupt Threshold Registers Register Address Bits Description PILTL 0x08 7:0 Proximity low threshold lower byte PILTH 0x09 7:0 Proximity low threshold upper byte PIHTL 0x0A 7:0 Proximity high threshold lower byte PIHTH 0x0B 7:0 Proximity high threshold upper byte |