Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD37253 Fiches technique(PDF) 53 Page - OSRAM GmbH

No de pièce TMD37253
Description  ALS, Color and Proximity Sensor Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37253 Fiches technique(HTML) 53 Page - OSRAM GmbH

Back Button TMD37253 Datasheet HTML 48Page - OSRAM GmbH TMD37253 Datasheet HTML 49Page - OSRAM GmbH TMD37253 Datasheet HTML 50Page - OSRAM GmbH TMD37253 Datasheet HTML 51Page - OSRAM GmbH TMD37253 Datasheet HTML 52Page - OSRAM GmbH TMD37253 Datasheet HTML 53Page - OSRAM GmbH TMD37253 Datasheet HTML 54Page - OSRAM GmbH TMD37253 Datasheet HTML 55Page - OSRAM GmbH TMD37253 Datasheet HTML 56Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Page 52
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-21
TMD3725 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade, but these products have been superseded
and should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56