| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD37253 Fiches technique(PDF) 37 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD37253 Fiches technique(HTML) 37 Page - OSRAM GmbH |
|
37 / 56 page ![]() Page 36 Datasheet, Public Document Feedback [v2-00] 2023-Mar-21 TMD3725 − Register Description POFFSETL Register (Address 0xC0) Figure 51: POFFSETL Register Typically, optical and/or electrical crosstalk negatively influence proximity operation and results. The POFFSETL/POFFSETH registers provide a mechanism to remove system crosstalk from the proximity data. POFFSETL and POFFSETH contains the magnitude and sign of a value which adjusts PDATA is generated in the AFE. An offset value in the range of ± 255 is possible. POFFSETH Register (Address 0xC1) Figure 52: POFFSETH Register Typically, optical and/or electrical crosstalk negatively influence proximity operation and results. The POFFSETL/POFFSETH registers provide a mechanism to remove system crosstalk from the proximity data. POFFSETL and POFFSETH contains the magnitude and sign of a value which adjusts PDATA is generated in the AFE. An offset value in the range of ± 255 is possible. Addr: 0xC0 POFFSETL Bit Bit Name Default Access Bit Description 7:0 POFFSETL 0x00 RW This register contains the magnitude portion of proximity offset adjust value. Addr: 0xC1 POFFSETH Bit Bit Name Default Access Bit Description 7:1 Reserved 0000000 RW Reserved. 0 POFFSET_SIGN 0 RW This register contains the sign portion of proximity offset adjust value. |