| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD37253 Fiches technique(PDF) 40 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD37253 Fiches technique(HTML) 40 Page - OSRAM GmbH |
|
40 / 56 page ![]() Datasheet, Public Page 39 [v2-00] 2023-Mar-21 Document Feedback TMD3725 − Register Description CALIBCFG Register (Address 0xD9) Figure 55: CALIBCFG Register The binary search target field is used by the calibration feature to set the baseline value for PDATA when no target is present. For example, calibration of a device in open air, with no target, Addr: 0xD9 CALIBCFG Bit Bit Name Default Access Bit Description 7:5 BINSRCH_ TARGET 010 RW Proximity Result Target. Value PDATA Target 00 11 23 37 415 531 663 7127 4 Reserved 0 RW Reserved. 3 AUTO_ OFFSET_ADJ 0RW The Proximity Auto Offset Adjust bit causes the value in POFFSETL register to decrement when PDATA equals zero at the completion of the proximity cycle. 2:0 PROX_AVG 000 RW The Proximity Averaging field defines the number of ADC samples collected and averaged during a cycle which become the proximity result. Value Sample Size 0Disable 12 24 38 416 532 664 7128 |